Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 44Page - Texas Instruments TMS320VC5421 Datasheet HTML 45Page - Texas Instruments TMS320VC5421 Datasheet HTML 46Page - Texas Instruments TMS320VC5421 Datasheet HTML 47Page - Texas Instruments TMS320VC5421 Datasheet HTML 48Page - Texas Instruments TMS320VC5421 Datasheet HTML 49Page - Texas Instruments TMS320VC5421 Datasheet HTML 50Page - Texas Instruments TMS320VC5421 Datasheet HTML 51Page - Texas Instruments TMS320VC5421 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
Functional Overview
48
December 1999 − Revised October 2008
SPRS098D
3.8.7 Chip Subsystem ID Register
The chip subsystem ID Register (CSIDR) is a read-only memory-mapped register located at 3Eh within each
DSP subsystem. This register contains three elements for electrically readable device identification. The
ChipID bits identify the type of 54x device (21h for 5421). The ChipRev bits contain the revision number of
the device. Lastly, the SubSysID contains a unique subsystem identifier.
15
14
13
12
11
10
987
6
5
43210
Chip ID
Chip Rev
SubSysID
Figure 3−18. Chip Subsystem ID Register
Table 3−13. Chip Subsystem ID Register Bit Functions
BIT
NO.
BIT FIELD
NAME
FUNCTION
15−8
Chip ID
54x device type. Contains 21h for 5421.
15−8
Chip ID
54x device type. Contains 21h for 5421.
7−4
Chip Rev
Revision number of device (i.e., 0h for revision 0).
3−0
SubSysID
Identifier for DSP subsystem: A = 0h, B = 1h.
3−0
SubSysID
Identifier for DSP subsystem: A = 0h, B = 1h.
3.9
General-Purpose I/O
In addition to the A_XF and B_XF pins, the 5421 has eight general-purpose I/O pins. These pins are:
A_GPIO0, A_GPIO1, A_GPIO2, A_GPIO3
B_GPIO0, B_GPIO1, B_GPIO2, B_GPIO3
Four general-purpose I/O pins are available to each core. Each GPIO pin can be individually selected as either
an input or an output. Additionally, the timer output is selectable on GPIO pin 3. At core reset, all GPIO pins
are configured as inputs. GPIO data and control bits are accessible through a memory-mapped register at
3Ch with the format shown in Figure 3−19.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TOUT
Reserved
GPIO
DIR3
GPIO
DIR2
GPIO
DIR1
GPIO
DIR0
ROM
EN
CORE
SEL
XIO
GRANT
XIO
REQ
GPIO
DAT3
GPIO
DAT2
GPIO
DAT1
GPIO
DAT0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W†
R
R+0
R/W+0
R/W+0
R/W+0
R/W+0
R/W+0
† 1 denotes XIO = 1, 0 denotes XIO = 0
Note:
R = Read, W = Write, +0 = Value at reset
Figure 3−19. General-Purpose I/O Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com