Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8650 Datasheet HTML 1Page - Allegro MicroSystems A8650 Datasheet HTML 2Page - Allegro MicroSystems A8650 Datasheet HTML 3Page - Allegro MicroSystems A8650 Datasheet HTML 4Page - Allegro MicroSystems A8650 Datasheet HTML 5Page - Allegro MicroSystems A8650 Datasheet HTML 6Page - Allegro MicroSystems A8650 Datasheet HTML 7Page - Allegro MicroSystems A8650 Datasheet HTML 8Page - Allegro MicroSystems A8650 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Block Diagram
125 ns
Regulators
ON
VIN 0.8V
POR
Off
Off
S
R
Q
Q
FAULT = 1, if:
EN = 0 or
UVLO = 1
+
-
EN/SYNC
VREF
HICCUP = 1 if:
FB < 625 mV and
COMP
≈ 1.25 V and
7 OCP events
EN
EN/SYNC
SS
FB
UV / OV
TSD
Reset
Dominant
Sleep
OV
tOFF(MIN)
GND
FAULT
PWM_CLK
CURRENT
CURRENT
FBOK
Falling
Delay
Oscillator
ADJ
Slope
ADJ
Compensation
Current Sense
fOSC
fSYNC
VSSOFFS
FBOK
COMP
CLAMP_ACTIVE
CLAMP_ACTIVE
VPWMOFFS
POK
Comparator
OVP
Comparator
PAD
+
-
+
Error
Amplifier
Digital
Delay
POK
7 PWM
Cycles
92% x VREF
88% x VREF
115% x VREF
111% x VREF
10 ns
VIN
1.5 kΩ
2 kΩ
POR
200 mV
VIN
POR
VIN
20 µA
PWM
Comparator
10 µA
OFF
Clamp
1.25 V
FSET
1.65 V (typ)
1.25 V (typ)
0.8 V (max)
55 mΩ
Protection
EN_HICCUP
VIN (UVLO)
EN / CLR
HICCUP
LATCHED
HIC RST (100 mV)
CURRENT (OCP)
OCP COUNT EN
FB
HICCUP
+
-
350 mV
70 mΩ
HICCUP
EN/SYNC >
1.2 x fOSC
Non-Overlap
FB
OFF
OFF
100 kΩ
SW
PGND
150 nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com