Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A8650 Datasheet HTML 7Page - Allegro MicroSystems A8650 Datasheet HTML 8Page - Allegro MicroSystems A8650 Datasheet HTML 9Page - Allegro MicroSystems A8650 Datasheet HTML 10Page - Allegro MicroSystems A8650 Datasheet HTML 11Page - Allegro MicroSystems A8650 Datasheet HTML 12Page - Allegro MicroSystems A8650 Datasheet HTML 13Page - Allegro MicroSystems A8650 Datasheet HTML 14Page - Allegro MicroSystems A8650 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Overview
The A8650 is a synchronous PWM regulator that incorporates all
the control and protection circuitry necessary to satisfy a wide
range of low voltage applications. The A8650 employs current
mode control to provide fast transient response, simple compen-
sation, and excellent stability.
The features of the A8650 include a ±1% precision reference,
an adjustable switching frequency, a transconductance error
amplifier, an enable/synchronization input, integrated power
MOSFETs, adjustable soft-start time, pre-bias startup capability,
low current sleep mode, and a Power OK (POK) output.
The protection features of the A8650 include undervoltage
lockout (UVLO), cycle-by-cycle overcurrent protection (OCP),
hiccup mode short circuit protection (HIC), overvoltage protec-
tion (OVP), and thermal shutdown (TSD). In addition, the A8650
provides open circuit, adjacent pin short circuit, and pin-to-
ground short circuit protection.
Reference Voltage
The A8650 incorporates an internal reference that allows output
voltages as low as 0.8 V. The accuracy of the internal reference
is ±1% across the entire operating temperature range. The output
voltage of the regulator is adjusted by connecting a resistor
divider (RFB1 and RFB2 in the typical application schematic)
from VOUT to the FB pin of the A8650.
Oscillator/Switching Frequency
The base PWM switching frequency, fOSC, of the A8650 is
adjustable from 250 kHz to 2.45 MHz and has an accuracy of
±12% across the operating temperature range. The base fre-
quency is used to set the device switching frequency, fSW , which
can also be further increased by the optional synchronization
function (described later in the section on EN/SYNC operation).
Connecting a resistor from the FSET pin to GND, as shown in the
typical application schematic, sets the base switching frequency.
An FSET resistor with ±1% tolerance is recommended. A graph
of fOSC versus RFSET, and an equation to calculate RFSET, are
provided in the Component Selection section of this datasheet.
Transconductance Error Amplifier
The primary function of the transconductance error amplifier
is to regulate the A8650 output voltage. The error amplifier is
shown in figure 1 as a device with three inputs, two positive and
one negative. The negative input simply is connected to the FB
pin and is used to sense the feedback voltage for regulation. The
two positive inputs are connected to the soft start and reference
voltages, and the error amplifier performs an analog OR selec-
tion between them. It regulates to either the soft start pin voltage
minus the Soft Start Offset (200 mV (typ)) or the A8650 internal
reference, whichever is lower.
To stabilize the regulator, a series RC compensation network
(RZ CZ) must be connected from the error amplifier output
(COMP pin) to GND as shown in the typical application sche-
matic. In most applications, an additional, low value capacitor
(CP) should be connected in parallel with the RZ CZ compen-
sation network to roll-off the loop gain at higher frequencies.
However, if the CP capacitor is too large, the phase margin of the
regulator may be reduced.
If the regulator is disabled or a fault occurs, the COMP pin is
immediately pulled to GND via an internal 1.5 kΩ pull-down and 
PWM switching is inhibited.
Slope Compensation
The A8650 incorporates internal slope compensation to allow
PWM duty cycles near or above 50% to accommodate a wide
range of input/output voltages, switching frequencies, and induc-
tor values. As shown in the functional block diagram, the slope
compensation signal is added to the sum of the current sense and
PWM Ramp Offset (VPWMOFFS). The amount of slope compensa-
tion is scaled directly with the base switching frequency (fOSC,
set by RFSET). However, the amount of slope compensation does
+
-
+
Error
Amplifier
COMP
Pin
SS
Pin
FB
Pin
VREF
800 mV
VSSOFFS 200 mV
Figure 1. A8650 Error Amplifier
XREF
XREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com