Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8650 Datasheet HTML 1Page - Allegro MicroSystems A8650 Datasheet HTML 2Page - Allegro MicroSystems A8650 Datasheet HTML 3Page - Allegro MicroSystems A8650 Datasheet HTML 4Page - Allegro MicroSystems A8650 Datasheet HTML 5Page - Allegro MicroSystems A8650 Datasheet HTML 6Page - Allegro MicroSystems A8650 Datasheet HTML 7Page - Allegro MicroSystems A8650 Datasheet HTML 8Page - Allegro MicroSystems A8650 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Description
The A8650 is an adjustable frequency, high output current,
PWMregulatorthatintegratesahigh-side,P-channelMOSFET
and a low-side, N-channel MOSFET. TheA8650 incorporates
current-modecontroltoprovidesimplecompensation,excellent
loop stability, and fast transient response. The A8650 utilizes
external compensation to accommodate a wide range of power
components to optimize transient response without sacrificing
stability. TheA8650 regulates input voltages from 2.5 to 5.5 V,
down to output voltages as low as 0.8 V, and is able to supply
at least 2.0 A of load current.
A8650 features include an externally adjustable switching
frequency, an externally set soft start time to minimize inrush
currents, an EN/SYNC input to either enable VOUT and/or
synchronize the PWM switching frequency, and a Power OK
(POK) output to indicate when VOUT is within regulation. The
sleep mode current of the A8650 control circuitry is less than
3 μA. Protection features include VIN undervoltage lockout
A8650-DS, Rev. 8
Features and Benefits
• Automotive AEC-Q100 qualified
• Operating voltage range: 2.5 to 5.5 V
• UVLO stop threshold: 2.25 V (max)
• Adjustable switching frequency (fOSC): 0.25 to 2.45 MHz
• Synchronizes to external clock: 1.2× to 1.5× fOSC (typ)
• Internal 70 mΩ high-side switching MOSFET
• Internal 55 mΩ low-side switching MOSFET
• Capable of at least 2.0 A steady-state output current
• Sleep mode supply current less than 3 μA
• Adjustable output voltage as low as 0.8 V with ±1%
accuracy from –40°C to 125°C
• Soft start time externally set via the SS pin
• Pre-biased startup capable
• Externally adjustable compensation
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
Packages:
Not to scale
A8650
Continued on the next page…
Continued on the next page…
Applications:
• GPS/Infotainment
• Automobile Audio
• Home Audio
• Network and Telecom
Typical Application Diagram
Typical application schematic, configured for VIN = 5 V, VOUT = 1.8 V, IOUT = 2.0 A at 2 MHz
CIN2
0.1 µF
0805
CIN3
10 nF
0603
CO2
10 µF
1206
CO3
0.1 µF
0805
CO4
10 nF
0603
A8650
SS
8
EN/SYNC
3
FSET
5
VIN
10
GND
9
POK
4
FB
7
COMP
6
PGND
2
SW
1
VOUT
RFB2
7.15 kΩ
RFB1
9.09 kΩ
CSS
10 nF
CIN1
3.3 µF
1206
RFSET
10.7 kΩ
VIN
EN/SYNC
POK
RZ
6.65 kΩ
CP
22 pF
CZ
1.5 nF
LO
1.0 µH
RPU
10 kΩ
CO1
10 µF
1206
3.3V
10-pin MSOP with exposed
thermal pad (suffix LY)
10-pin DFN with exposed
thermal pad (suffix EJ)
Features and Benefits
Description


Similar Part No. - A8650

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8651 ALLEGRO-A8651 Datasheet
1Mb / 34P
Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR
A8651KLPTR-T ALLEGRO-A8651KLPTR-T Datasheet
1Mb / 34P
Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR
A8652 ALLEGRO-A8652 Datasheet
1Mb / 37P
Wide Input Voltage, Synchronous USB Buck Regulator with Remote Load Regulation
A8652KLPTR-T ALLEGRO-A8652KLPTR-T Datasheet
1Mb / 37P
Wide Input Voltage, Synchronous USB Buck Regulator with Remote Load Regulation
A8653 ALLEGRO-A8653 Datasheet
1Mb / 37P
Wide Input Voltage, Synchronous USB Buck Regulator with Remote Load Regulation
More results

Similar Description - A8650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1575 ONSEMI-NCP1575 Datasheet
110Kb / 16P
Low Voltage Synchronous Buck Controller with Adjustable Switching Frequency
November, 2004 ??Rev. 6
logo
Allegro MicroSystems
APEK8651KLP-01-MH ALLEGRO-APEK8651KLP-01-MH Datasheet
1Mb / 34P
Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
5A Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
5A Adjustable Frequency Synchronous Buck Regulator
LM20143 TI1-LM20143_16 Datasheet
1Mb / 36P
3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
A8672 ALLEGRO-A8672 Datasheet
846Kb / 24P
Fixed Frequency High Current Synchronous Buck Regulator With Fault Warnings and Power OK
A8587 ALLEGRO-A8587 Datasheet
601Kb / 17P
Wide Input Voltage, Adjustable Frequency, 2 Amp Non-Synchronous Buck Regulator with Enable and NPOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com