Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8650 Datasheet HTML 1Page - Allegro MicroSystems A8650 Datasheet HTML 2Page - Allegro MicroSystems A8650 Datasheet HTML 3Page - Allegro MicroSystems A8650 Datasheet HTML 4Page - Allegro MicroSystems A8650 Datasheet HTML 5Page - Allegro MicroSystems A8650 Datasheet HTML 6Page - Allegro MicroSystems A8650 Datasheet HTML 7Page - Allegro MicroSystems A8650 Datasheet HTML 8Page - Allegro MicroSystems A8650 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings1
Characteristic
Symbol
Notes
Rating
Unit
VIN Pin to GND
VIN
–0.3 to 6
V
SW to GND2
VSW
Continuous
–0.3 to VIN+0.3
V
t < 50 ns
–1.0, VIN+2.0
V
All other pins
–0.3 to 6.0
V
Operating Ambient Temperature
TA
K temperature range
–40 to 125
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
1
Operation at levels beyond the ratings listed in this table may cause permanent damage to the device. The Absolute Maximum ratings are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the Electrical Characteristics table is not implied. Exposure to Absolute
Maximum-rated conditions for extended periods may affect device reliability.
2
SW has internal clamp diodes to GND and VIN. Applications that forward bias these diodes should take care not to exceed the IC package power dissipation limits.
(UVLO),cycle-by-cycleovercurrentprotection(OCP),hiccupmode
short circuit protection (HIC), overvoltage protection (OVP), and
thermal shutdown (TSD). In addition, the A8650 provides open
circuit, adjacent pin short circuit, and short to ground protection at
every pin to satisfy the most demanding automotive applications.
The A8650 is available in both 10-pin MSOP and DFN packages
with an exposed pad for enhanced thermal dissipation. It is lead
(Pb) free, with 100% matte tin leadframe plating.
• Stable with ceramic output capacitors
• Enable input, and Power OK (POK) output
• Cycle-by-cycle current limiting (OCP)
• Hiccup mode short circuit protection (HIC)
• Overvoltage protection (OVP)
• Overtemperature protection (TSD)
• Open circuit and adjacent pin short circuit tolerant
• Short to ground tolerant at every pin
Features and Benefits (continued)
Description (continued)
Thermal Characteristics may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance (LY)
RθJA
On 4-layer PCB based on JEDEC standard
48
ºC/W
Package Thermal Resistance (EJ)
RθJA
On 4-layer PCB based on JEDEC standard
45
ºC/W
*Additional thermal information available on the Allegro website.
Selection Guide
Part Number
Operating Ambient
Temperature Range
TA, (°C)
Package
Packing
Leadframe Plating
A8650KLYTR-T
–40 to 125
10-pin MSOP with
exposed thermal pad
4000 pieces
per 13-in. reel
100% matte tin
A8650KEJTR-T
-40 to 125
10-pin DFN with exposed
thermal pad
1500 pieces
per 7-in reel
100% matte tin
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com