Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A8650 Datasheet HTML 17Page - Allegro MicroSystems A8650 Datasheet HTML 18Page - Allegro MicroSystems A8650 Datasheet HTML 19Page - Allegro MicroSystems A8650 Datasheet HTML 20Page - Allegro MicroSystems A8650 Datasheet HTML 21Page - Allegro MicroSystems A8650 Datasheet HTML 22Page - Allegro MicroSystems A8650 Datasheet HTML 23Page - Allegro MicroSystems A8650 Datasheet HTML 24Page - Allegro MicroSystems A8650 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Input Capacitors
Three factors should be considered when choosing the input
capacitors. First, they must be chosen to support the maximum
expected input voltage with adequate design margin. Second,
their rms current rating must be higher than the expected rms
input current to the regulator. Third, they must have enough
capacitance and a low enough ESR to limit the input voltage
dv/dt to something much less than the hysteresis of the VIN pin
UVLO circuitry (200 mV (typ)) at maximum loading and mini-
mum input voltage.
The input capacitor(s) must limit the voltage deviations at the
VIN pin to something significantly less than the A8650 VIN pin
UVLO hysteresis during maximum load and minimum input
voltage. The minimum input capacitance can be calculated as
follows:
≥
×
×
×
CIN
IOUT
∆VIN(MIN)
fSW
0.85
×
D (1– D)
(14)
where ΔVIN(MIN) is chosen to be much less than the hysteresis of
the VIN pin UVLO comparator (ΔVIN(MIN) ≤ 100 mV is recom-
mended), and fSW is the nominal PWM output frequency.
The D×(1–D) term in equation 14 has an absolute maximum
value of 0.25 at 50% duty cycle. So, for example, a very con-
servative design, based on: IOUT = 2.0 A, fSW = 85% of 2 MHz,
D × (1–D) = 0.25, and ΔVIN = 100 mV, yields:
≥
=
×
×
CIN
1.7 (MHz) 100 (mV)
2.9 µF
2.0 (A) 0.25
The input capacitors must deliver the rms current according to:
=
×
Irms
IOUT D (1– D)
(15)
where the duty cycle D = VOUT/VIN.
Figure 11 shows the normalized input capacitor rms current ver-
sus duty cycle. To use this graph, simply find the operational duty
cycle (D) on the x-axis and determine the input/output current
multiplier on the y-axis. For example, at a 20% duty cycle, the
input/output current multiplier is 0.40. Therefore, if the regula-
tor is delivering 2.0 A of steady-state load current, the input
capacitor(s) must support 0.40 × 2.0 A or 0.8 ARMS.
A good design should consider the DC-bias effect on a ceramic
capacitor. As the applied voltage approaches the rated value, the
capacitance value decreases. This effect is very pronounced with
the Y5V and Z5U temperature characteristic devices (as much as
90% reduction) so these types should be avoided. The X5R and
X7R type capacitors should be the primary choices due to their
stability versus both DC bias and temperature.
For all ceramic capacitors, the DC bias effect is even more
pronounced on smaller case sizes so a good design will use the
largest affordable case size (such as 1206 or 1210). Also, it is
advisable to select input capacitors with plenty of design margin
in the voltage rating to accommodate the worst case transient
input voltage.
Soft Start and Hiccup Mode Timing (CSS)
The soft start time of the A8650 is determined by the value of the
capacitance at the soft start pin, CSS. When the A8650 is enabled
the voltage at the soft start pin will start from 0 V and will be
charged by the soft start current, ISSSU. However, PWM switch-
ing will not begin instantly because the voltage at the soft start
pin must rise above 200 mV. The soft start delay (tSS(DELAY)) can
be calculated using the following equation:
=
×
tSS(DELAY) CSS
ISSSU
200 (mV)
(16)
If the A8650 is starting into a very heavy load a very fast soft
start time may cause the regulator to exceed the cycle-by-cycle
overcurrent threshold. This occurs because the total of the full
load current, the inductor ripple current, and the additional cur-
rent required to charge the output capacitors:
ICO = COUT × VOUT / tSS
(17)
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0
10
20
30
50
60
70
80
100
90
40
Duty Cycle (%)
Figure 11. Input capacitor ripple versus duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com