Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A8650 Datasheet HTML 3Page - Allegro MicroSystems A8650 Datasheet HTML 4Page - Allegro MicroSystems A8650 Datasheet HTML 5Page - Allegro MicroSystems A8650 Datasheet HTML 6Page - Allegro MicroSystems A8650 Datasheet HTML 7Page - Allegro MicroSystems A8650 Datasheet HTML 8Page - Allegro MicroSystems A8650 Datasheet HTML 9Page - Allegro MicroSystems A8650 Datasheet HTML 10Page - Allegro MicroSystems A8650 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
MOSFET Parameters (continued)
Low-Side MOSFET On-Resistance3
RDS(on)LS
TA = 25°C, IDS = 100 mA
−
55
65
mΩ
IDS = 100 mA
−
−
115
mΩ
Low-Side MOSFET Leakage4
ILKG(LS)
VEN/SYNC ≤ 0.4 V, VSW = 5 V,
–40˚C < TA = TJ < 85˚C
−
−
1
μA
VEN/SYNC ≤ 0.4 V, VSW = 5 V, TA = TJ = 125˚C
−
4
10
μA
Oscillator Frequency
Oscillator Frequency
fOSC
RFSET = 8.45 kΩ
2.20
2.45
2.70
MHz
RFSET = 23.2 kΩ
0.90
1.00
1.10
MHz
RFSET = 100 kΩ
−
250
−
kHz
Synchronization Timing
Synchronization Frequency Range
fSW(MULT) Relative to fOSC(typ)
1.2 x fOSC
−
1.5 x fOSC
–
Synchronized PWM Frequency
fSYNC
−
−
2.9
MHz
Synchronization Input Duty Cycle
DSYNC
−
−
80
%
Synchronization Input Pulse Width
tPWSYNC VIN = 3.3 V, VEN/SYNC = 3.3 V pulse input
200
−
−
ns
Synchronization Input Edge Rise Time2
trSYNC
−
10
15
ns
Synchronization Input Edge Fall Time2
tfSYNC
−
10
15
ns
Enable/Synchronization Input
EN/SYNC High Threshold
VEN/SYNC(H) VEN/SYNC rising
−
−
1.8
V
EN/SYNC Low Threshold
VEN/SYNC(L) VEN/SYNC falling
0.8
−
−
V
EN/SYNC Hysteresis
VEN/SYNC
(HYS)
VEN/SYNC(H) – VEN/SYNC(L)
−
200
−
mV
EN/SYNC Digital Delay
tSLEEP
VEN/SYNC transitioning low
−
32
−
PWM
cycles
EN/SYNC Input Resistance
REN/SYNC
50
100
−
kΩ
EN/SYNC Pulse Rejection
tEN/SYNCR VIN = 3.3 V, VEN/SYNC = 1.3 V pulse input
−
10
−
ns
Overcurrent Protection (OCP) and Hiccup Mode
Pulse-by-Pulse Current Limit
ILIM(5%)
Duty Cycle = 5%
3.5
4.1
4.7
A
ILIM(90%) Duty Cycle = 90%
2.3
3.1
4.2
A
Hiccup Disable Threshold
HICDIS
VFB rising
−
750
−
mV
Hiccup Enable Threshold
HICEN
VFB falling
−
625
−
mV
OCP / HICCUP Count Limit
OCPLIMIT Hiccup enabled, OCP pulses
−
7
−
counts
ELECTRICAL CHARACTERISTICS (Continued) Valid at –40°C ≤ TA = TJ ≤ 125°C, VIN = 5 V; unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com