Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button A8650 Datasheet HTML 12Page - Allegro MicroSystems A8650 Datasheet HTML 13Page - Allegro MicroSystems A8650 Datasheet HTML 14Page - Allegro MicroSystems A8650 Datasheet HTML 15Page - Allegro MicroSystems A8650 Datasheet HTML 16Page - Allegro MicroSystems A8650 Datasheet HTML 17Page - Allegro MicroSystems A8650 Datasheet HTML 18Page - Allegro MicroSystems A8650 Datasheet HTML 19Page - Allegro MicroSystems A8650 Datasheet HTML 20Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
16
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TABLE 1. Summary of A8650 Fault Modes and Operation
Fault
Mode
VSS
VCOMP
High-Side MOSFET
and fSW
Low-Side
MOSFET
POK
State
Reset
Condition
Output hard
short to ground
(VOUT =
VFB = 0 V)
Hiccup after
VCOMP ≈ 1.25 V
and 7
overcurrent faults
Clamped to ≈1.25 V
for ILIM, then pulled
low during hiccup
Controlled by VCOMP.
fSW/3 if
0< VFB<200 mV
Active during
tOFF(MIN),
Off during hiccup
Pulled low
Auto,
if short removed
Output
overcurrent
(heavy load) and
VFB < HICDIS
Hiccup after
VCOMP ≈ 1.25 V
and 7
overcurrent faults
Clamped to ≈1.25 V
for ILIM, then pulled
low during hiccup
Controlled by VCOMP.
fSW / 3 if
0< VFB< 200 mV,
fSW / 3 to fSW if
200 mV<VFB<600mV
Active during
tOFF(MIN),
Off during hiccup
Pulled low
Auto, if the load
decreases
SW hard short to
ground
Not affected;
hiccup may
occur when the
short is removed
Clamped to ≈1.25 V
for ILIM, then pulled
low if hiccup occurs
Controlled by VCOMP .
turned off if
VSW ≈ 0 V and blanking
time expires,
fSW / 3 if 0<VFB<200mV
Active during
tOFF(MIN),
Off if hiccup occurs
when the short is
removed
Depends on
VOUT
Auto,
if short removed
SW soft short to
ground
Hiccup after
VCOMP ≈ 1.25 V
and 7
overcurrent faults
Clamped to ≈1.25 V
for ILIM, then pulled
low during hiccup
Controlled by VCOMP.
fSW/3 if
0<VFB< 200 mV,
fSW/3 to fSW if
200 mV < VFB < 600 mV
Active during
tOFF(MIN),
Off during hiccup
Depends on
VOUT
Auto,
if short removed
FB pin open (FB
pin floats high
due to negative
bias current)
Not affected
Transitions low via
loop response as
VFB floats high
Off.
fSW / 3 if
0< VFB< 200 mV,
fSW/3 to fSW if
200 mV < VFB< 600 mV
Off.
Disabled if
VCOMP < 200 mV
(to limit negative
SW current)
Pulled low
Auto, if FB pin
connected to VOUT
Output
overvoltage
(VFB > 115% ×
VREF)
Not affected
Transitions low
via loop response
because
VFB > VREF
Off.
fSW / 3 if
0< VFB< 200 mV,
fSW/3 to fSW if
200 mV < VFB< 600 mV
Off.
Disabled if
VCOMP < 200 mV
(to limit negative
SW current)
Pulled low
Auto, if VFB returns
to the allowed
operating range
Output
undervoltage
(VFB < 92% ×
VREF)
Not affected
Transitions high
via loop response
because
VFB < VREF
Controlled by VCOMP.
fSW/3 if
0<VFB< 200 mV,
fSW/3 to fSW if
200 mV < VFB < 600 mV
Active during
tOFF(MIN)
Pulled low
Auto, if VFB returns
to the allowed
operating range
VIN dropout
or EN/SYNC
glitches low for
> 32 PWM cycles
Pulled low and
latched until
VSS < VSS_RESET
Pulled low and
latched until
VSS > VSSOFFS
Off
Off
Pulled low
Auto, if VIN
recovers or
if EN/SYNC
returns high
Thermal
shutdown (TSD)
Pulled low and
latched until
VSS < VSS_RESET
Pulled low and
latched until
VSS > VSSOFFS
Off
Off
Pulled low
Auto, if the junction
cools down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com