Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 24 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 24 Page - Allegro MicroSystems

Back Button A8650 Datasheet HTML 20Page - Allegro MicroSystems A8650 Datasheet HTML 21Page - Allegro MicroSystems A8650 Datasheet HTML 22Page - Allegro MicroSystems A8650 Datasheet HTML 23Page - Allegro MicroSystems A8650 Datasheet HTML 24Page - Allegro MicroSystems A8650 Datasheet HTML 25Page - Allegro MicroSystems A8650 Datasheet HTML 26Page - Allegro MicroSystems A8650 Datasheet HTML 27Page - Allegro MicroSystems A8650 Datasheet HTML 28Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
24
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Finally, consider the combined Bode plot of both the control-
to-output and the compensated error amplifier, the red curve
shown in figure 15. Careful examination of this plot shows that
the magnitude and phase of the entire system (in red) are simply
the sum of the error amplifier response (blue) and the control-to-
output response (green). As shown in figure 15, the bandwidth
of this system (fc) is 72 kHz, the phase margin is 73 degrees, and
the gain margin is 27 dB.
A Generalized Tuning Procedure
This section presents a methodology to systematically apply the
design considerations provided above.
1. Choose the system bandwidth (fC ). This is the frequency at
which the magnitude of the gain crosses 0 dB. Recommended
values for fC, based on the PWM switching frequency, are in the
range fSW / 20 < fC < fSW / 7.5. A higher value of fC generally
provides a better transient response, while a lower value of fC
generally makes it easier to obtain higher gain and phase margins.
2. Calculate the RZ resistor value. This sets the system band-
width (fC):
=
RZ fC
gmPOWERx gm
COUT
VOUT
VFB
×
×
×
×
2�
(28)
3. Determine the frequency of the pole (fP1). This pole is formed
by COUT and RL. Use equation 22 (repeated here):
=
fP1
COUT
RL
×
×
2�
1
4. Calculate a range of values for the CZ capacitor. Use the fol-
lowing:
<
<
CZ
fC
RZ
×
×
2�
4
fP1
RZ
×
×
×
2�
1.5
1
(29)
To maximize system stability (that is, to have the greatest gain
margin), use a higher value of CZ. To optimize transient recovery
time, although at the expense of some phase margin, use a lower
value of CZ.
Figure 16 compares the output voltage recovery time due to a 1 A
load transient for the system shown in figure 15 (fZ2 = 16 kHz,
73° phase margin) and a system with fZ2 at 50 kHz. The system
with fZ2 at 50 kHz has only 51° of phase margin, but recovers to
within 0.5% much faster ( ≈ 3×) than the other system.
100
0
-100
0
-90
90
-180
180
101
107
106
105
104
103
102
Frequency (Hz)
fC= 72 kHz
PM =73 deg
GM= 27 dB
Figure 15. Bode plot of the complete system (red curve)
240
1.840
1.820
1.800
1.780
1.760
1.740
1.720
250
260
270
280
290
Time (µs)
300
320
310
330
fZ2 = 50 kHz
fZ2 = 16 kHz
Figure 16. Transient recovery comparison for fZ2 at 16 kHz/73° and
50 kHz/51°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com