Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 25 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 25 Page - Allegro MicroSystems

Back Button A8650 Datasheet HTML 21Page - Allegro MicroSystems A8650 Datasheet HTML 22Page - Allegro MicroSystems A8650 Datasheet HTML 23Page - Allegro MicroSystems A8650 Datasheet HTML 24Page - Allegro MicroSystems A8650 Datasheet HTML 25Page - Allegro MicroSystems A8650 Datasheet HTML 26Page - Allegro MicroSystems A8650 Datasheet HTML 27Page - Allegro MicroSystems A8650 Datasheet HTML 28Page - Allegro MicroSystems A8650 Datasheet HTML 29Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
25
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
5. Calculate the frequency of the ESR zero (fZ1) formed by the
output capacitor(s). Use equation 23 (repeated here):
=
fZ1
COUT
ESR
×
×
2�
1
If fZ1 is at least one decade higher than the target crossover
frequency (fC) then fZ1 can be ignored. This is usually the case
for a design using ceramic output capacitors. Use equation 27 to
calculate the value of CP by setting fP3 to either 5 × fC or fSW / 2,
whichever is higher.
Alternatively, if fZ1 is near or below the target crossover fre-
quency (fC), then use equation 27 to calculate the value of CP by
setting fP3 equal to fZ1. This is usually the case for a design using
high ESR electrolytic output capacitors.
Power Dissipation and Thermal Calculations
The power dissipated in the A8650 is the sum of the power dis-
sipated from the VIN supply current (PIN), the power dissipated
due to the switching of the internal power high-side MOSFET
(PSW1), the power dissipated due to the rms current being
conducted by the high- and low-side MOSFETs (PCOND1 and
PCOND2), the power dissipated by the low-side MOSFET body
diode during the non-overlap times, and the power dissipated by
the internal gate drivers (PDRIVER1 and PDRIVER2).
The power dissipated from the VIN supply current can be calcu-
lated using the following equation:
PIN = VIN × IQ + (VIN – VGS) × (QG1 + QG2 ) × fSW
(30)
where
VIN is the input voltage,
IQ is the input quiescent current drawn by the A8650 (nominally
2 mA),
VGS is the MOSFET gate drive voltage, typically 5.0 V,
QG1 and QG2 are the internal high- and low-side MOSFET gate
charges (approximately 3.3 nC and 1.4 nC respectively), and
fSW is the PWM switching frequency.
The switching losses dissipated by the internal high-side
MOSFET during PWM switching can be calculated using the
following equation:
=
PSW1
VIN IOUT
fSW
(tr + tf )
×
×
×
2
(31)
where
VIN is the input voltage,
IOUT is the output current,
fSW is the PWM switching frequency, and
tr and tf are the rise and fall times measured at the SW node.
Approximate values for tr range from 10 to 15 ns. The fall time
is usually about 50% faster than the rise time.
The conduction losses dissipated by the high-side MOSFET
while it is conducting can be calculated using the
following equation:
=
PCOND1 Irms(FET) RDS(on)HS
VOUT
VIN
×
×
+ 12
2
∆IL2
IOUT
2
=
RDS(on)HS
×
(32)
where
IOUT is the regulator output current,
ΔIL is the peak-to-peak inductor ripple current, and
RDS(on)HS is the on-resistance of the high-side MOSFET.
The conduction losses dissipated by the low-side MOSFET while
it is conducting can be calculated using the following equation:
=
PCOND2 Irms(FET) RDS(on)LS
VOUT
VIN
×
×
+
–
12
2
∆IL2
IOUT
1
2
=
RDS(on)LS
×
(33)
where
IOUT is the regulator output current,
ΔIL is the peak-to-peak inductor ripple current, and
RDS(on)LS is the on-resistance of the low-side MOSFET.
The RDS(on)of the MOSFETs has some initial tolerance plus an
increase from self-heating and elevated ambient temperatures.
A conservative design should accommodate an RDS(on) with
at least a 15% initial tolerance plus 0.39%/°C increase due to
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com