Electronic Components Datasheet Search
  English  ▼

X  

A8650 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # A8650
Description  Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8650 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button A8650 Datasheet HTML 18Page - Allegro MicroSystems A8650 Datasheet HTML 19Page - Allegro MicroSystems A8650 Datasheet HTML 20Page - Allegro MicroSystems A8650 Datasheet HTML 21Page - Allegro MicroSystems A8650 Datasheet HTML 22Page - Allegro MicroSystems A8650 Datasheet HTML 23Page - Allegro MicroSystems A8650 Datasheet HTML 24Page - Allegro MicroSystems A8650 Datasheet HTML 25Page - Allegro MicroSystems A8650 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Low Input Voltage, Adjustable Frequency
2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
is higher than the cycle-by-cycle current threshold, as shown in
figure 12. This phenomena is more pronounced when using high
value electrolytic type output capacitors. To avoid prematurely
triggering hiccup mode the soft start capacitor, CSS, should be
calculated according to:
≥
×
×
CSS
COUT
VOUT
ISSSU
×
0.8 (V)
ICO
(18)
where VOUT is the output voltage, COUT is the output capacitance,
ICO is the amount of current allowed to charge the output capaci-
tance during soft start (recommend 0.1 A < ICO < 0.3 A). Higher
values of ICO result in faster soft start times. However, lower
values of ICO ensure that hiccup mode is not falsely triggered.
Allegro recommends starting the design with an ICO of 0.1 A and
increasing it only if the soft start time is too slow. If a non-stan-
dard capacitor value for CSS is calculated, the next larger value
should be used.
The output voltage ramp time, tSS, can be calculated by using
either of the following methods:
=
=
×
tSS
tSS
COUT
CSS
ISSSU
VOUT
×
0.8 (V)
or
ICO
(19)
(20)
When the A8650 is in hiccup mode, the soft start capacitor is
used as a timing capacitor and sets the hiccup period. The soft
start pin charges the soft start capacitor with ISSSU during a
startup attempt, and discharges the same capacitor with ISSHIC
between startup attempts. Because the ratio ISSSU / ISSHIC is
approximately 2:1, the time between hiccups will be about two
times as long as the startup time. Therefore, the effective duty-
cycle of the A8650 will be very low and the junction temperature
will be kept low.
Compensation Components (RZ, CZ, CP)
To compensate the system it is important to understand where
the buck power stage, load resistance, and output capacitance
form their poles and zeros in frequency. Also, its important to
understand not only that the (Type II) compensated error ampli-
fier introduces a zero and two more poles, but also where these
should be placed to maximize system stability, provide a high
bandwidth, and optimize the transient response.
First, consider the power stage of the A8650, the output capaci-
tors, and the load resistance. This circuitry is commonly referred
as the control-to-output (CO) transfer function. The low fre-
quency gain of this circuitry depends on the COMP to SW current
gain (gmPOWER), and the value of the load resistor (RL). The DC
gain (GCO(0HZ)) of the control-to-output is:
GCO(0Hz) = gmPOWER × RL
(21)
The control-to-output transfer function has a pole (fP1), formed
by the output capacitance (COUT) and load resistance (RL),
located at:
=
fP1
COUT
RL
×
×
2�
1
(22)
The control-to-output transfer function also has a zero (fZ1)
formed by the output capacitance (COUT) and its associated ESR:
=
fZ1
COUT
ESR
×
×
2�
1
(23)
For a design with very low-ESR type output capacitors (such as
ceramic capacitors), the ESR zero (fZ1) is usually at a very high
frequency, so it can be ignored. On the other hand, if the ESR
zero falls below or near the 0 dB crossover frequency of the
system (as is the case with electrolytic output capacitors), then it
should be cancelled by the pole formed by the CP capacitor and
the RZ resistor (discussed and identified later as fP3).
A Bode plot of the control-to-output transfer function for the
A8650 circuit shown in the typical application schematic on the
front page (VOUT = 1.8 V, IOUT = 2.0 A, RL = 0.9 Ω) is shown in 
figure 13. The pole at fP1 can easily be seen at 8.8 kHz while the
ESR zero, fZ1, occurs at a very high frequency, 4 MHz (this is
Figure 12. Output current (ICO) during startup
Output
capacitor
current, ICO
}
ILIM
ILOAD
tSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com