Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCGL Datasheet(PDF) 30 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button TS8388BCGL Datasheet HTML 26Page - ATMEL Corporation TS8388BCGL Datasheet HTML 27Page - ATMEL Corporation TS8388BCGL Datasheet HTML 28Page - ATMEL Corporation TS8388BCGL Datasheet HTML 29Page - ATMEL Corporation TS8388BCGL Datasheet HTML 30Page - ATMEL Corporation TS8388BCGL Datasheet HTML 31Page - ATMEL Corporation TS8388BCGL Datasheet HTML 32Page - ATMEL Corporation TS8388BCGL Datasheet HTML 33Page - ATMEL Corporation TS8388BCGL Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
TS8388B
2144C–BDC–04/03
Differential Versus
Single-ended Analog
Input Operation
The TS8388B can operate at full speed in either differential or single-ended configuration.
This is explained by the fact the ADC uses a high input impedance differential preamplifier
stage, (preceeding the Sample and hold stage), which has been designed in order to be
entered either in differential mode or single-ended mode.
This is true so long as the out-of-phase analog input pin V
INB is 50Ω terminated very closely to
one of the neighboring shield ground pins (52, 53, 58, 59) which constitute the local ground
reference for the inphase analog input pin (V
IN).
Thus the differential analog input preamplifier will fully reject the local ground noise (and any
capacitively and inductively coupled noise) as common mode effects.
In typical single-ended configuration, enter on the (V
IN) input pin, with the inverted phase input
pin (V
INB) grounded through the 50Ω termination resistor.
In single-ended input configuration, the in-phase input amplitude is 0.5V peak to peak, cen-
tered on 0V (or -2 dBm into 50
Ω). The inverted phase input is at ground potential through a
50
Ω termination resistor.
However, dynamic performances can be somewhat improved by entering either analog or
clock inputs in differential mode.
Typical Single-ended
Analog Input
Configuration
Figure 30. Typical Single-ended Analog Input Configuration
Note:
Since VIN and VINB have a double pad architecture, a 50
Ω reverse termination is needed. For the CBGA package, this reverse
termination is already on package.
Clock Inputs (CLK)
(CLKB)
The TS8388B can be clocked at full speed without noticeable performance degradation in
either differential or single-ended configuration.
This is explained by the fact the ADC uses a differential preamplifier stage for the clock buffer,
which has been designed in order to be entered either in differential or single-ended mode.
Recommended sinewave generator characteristics are typically -120 dBc/Hz phase noise floor
spectral density, at 1 kHz from carrier, assuming a single tone 4 dBm input for the clock signal.
Single-ended Clock
Input (Ground
Common Mode)
Although the clock inputs were intended to be driven differentially with nominal -0.8V/-1.8V
ECL levels, the TS8388B clock buffer can manage a single-ended sinewave clock signal cen-
tered around 0V. This is the most convenient clock input configuration as it does not require
the use of a power splitter.
50
Ω
(external or
on package)
1 M
Ω
3 pF
-250
250
500 mV
t
[mV]
VIN
VIN =
±250 mV = 500 mV diff
VIN or VINB double pad (pins 54, 55 or 56, 57)
VIN or VINB
50
Ω reverse termination
500 mV
Full Scale
analog input
VINB = 0V
VINB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com