Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCGL Datasheet(PDF) 45 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button TS8388BCGL Datasheet HTML 41Page - ATMEL Corporation TS8388BCGL Datasheet HTML 42Page - ATMEL Corporation TS8388BCGL Datasheet HTML 43Page - ATMEL Corporation TS8388BCGL Datasheet HTML 44Page - ATMEL Corporation TS8388BCGL Datasheet HTML 45Page - ATMEL Corporation TS8388BCGL Datasheet HTML 46Page - ATMEL Corporation TS8388BCGL Datasheet HTML 47Page - ATMEL Corporation TS8388BCGL Datasheet HTML 48Page - ATMEL Corporation TS8388BCGL Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
45
TS8388B
2144C–BDC–04/03
Nominal CQFP68
Thermal
Characteristics
Although the power dissipation is low for this performance, the use of a heat sink is
mandatory.
The user will find some advice on this topics below.
Thermal Resistance
from Junction to
Ambient: RTHJA
The following table lists the converter thermal performance parameters, with or without
heatsink.
For the following measurements, a 50 x 50 x 16 mm heatsink has been used (see Figure 51
on page 46).
Note:
1. Heatsink is glued to backside of package or screwed and pressed with thermal grease.
Figure 50. Thermal Resistance from Junction to Ambient: Rthja
Table 10. Thermal Resitance
Air Flow
(m/s)
ja Thermal Resistance (
°C/W)
CQFP68 on Board
Estimated – Without Heatsink
Targeted – With Heatsink(1)
050
10
0.5
40
8.9
135
7.9
1.5
32
7.3
230
6.8
2.5
28
6.5
326
6.2
424
5.8
523.5
5.6
Air flow (m/s)
0
0
10
20
30
40
50
60
12
3
4
5
Without heatsink
With heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com