Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCGL Datasheet(PDF) 43 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button TS8388BCGL Datasheet HTML 39Page - ATMEL Corporation TS8388BCGL Datasheet HTML 40Page - ATMEL Corporation TS8388BCGL Datasheet HTML 41Page - ATMEL Corporation TS8388BCGL Datasheet HTML 42Page - ATMEL Corporation TS8388BCGL Datasheet HTML 43Page - ATMEL Corporation TS8388BCGL Datasheet HTML 44Page - ATMEL Corporation TS8388BCGL Datasheet HTML 45Page - ATMEL Corporation TS8388BCGL Datasheet HTML 46Page - ATMEL Corporation TS8388BCGL Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
43
TS8388B
2144C–BDC–04/03
CBGA68 Thermal
and Moisture
Characteristics
Thermal Resistance
from Junction to
Ambient: RTHJA
The following table lists the converter thermal performance parameters of the device itself,
with no external heatsink added.
Figure 48. Thermal Resistance from Junction to Ambient: RTHJA
Thermal Resistance
from Junction to
Case: RTHJC
Typical value for Rthjc is given to 6.7
°C/W (8°C/W max).
This value does not include thermal contact resistance between package and external compo-
nent (heatsink or PCBoard).
As an example, 2.0
°C/W can be taken for 50 µm of thermal grease.
Table 9. Thermal Resitance
Air flow (m/s)
Estimated JA thermal resistance (
°C/W)
045
0.5
35.8
130.8
1.5
27.4
224.9
2.5
23
321.5
419.3
517.7
Air flow (m/s)
0
0
10
20
30
40
50
12
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com