Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCGL Datasheet(PDF) 56 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button TS8388BCGL Datasheet HTML 49Page - ATMEL Corporation TS8388BCGL Datasheet HTML 50Page - ATMEL Corporation TS8388BCGL Datasheet HTML 51Page - ATMEL Corporation TS8388BCGL Datasheet HTML 52Page - ATMEL Corporation TS8388BCGL Datasheet HTML 53Page - ATMEL Corporation TS8388BCGL Datasheet HTML 54Page - ATMEL Corporation TS8388BCGL Datasheet HTML 55Page - ATMEL Corporation TS8388BCGL Datasheet HTML 56Page - ATMEL Corporation TS8388BCGL Datasheet HTML 57Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
56
TS8388B
2144C–BDC–04/03
Datasheet
Status
Description
Life Support
Applications
These products are not designed for use in life support appliances, devices or systems where
malfunction of these products can reasonably be expected to result in personal injury. Atmel
customers using or selling these products for use in such applications do so at their own risk
and agree to fully indemnify Atmel for any damages resulting from such improper use or sale.
Table 12. Datasheet Status
Datasheet Status
Validity
Objective specification
This datasheet contains target and
goal specifications for discussion with
customer and application validation.
Before design phase
Target specification
This datasheet contains target or
goal specifications for product
development.
Valid during the design phase
Preliminary specification
α-site
This datasheet contains preliminary
data. Additional data may be
published later; could include
simulation results.
Valid before characterization
phase
Preliminary specification
β-site
This datasheet contains also
characterization results.
Valid before the
industrialization phase
Product specification
This datasheet contains final product
specification.
Valid for production purposes
Limiting Values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress
above one or more of the limiting values may cause permanent damage to the device. These are
stress ratings only and operation of the device at these or at any other conditions above those given in
the Characteristics sections of the specification is not implied. Exposure to limiting values for
extended periods may affect device reliability.
Application Information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com