Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCGL Datasheet(PDF) 33 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button TS8388BCGL Datasheet HTML 29Page - ATMEL Corporation TS8388BCGL Datasheet HTML 30Page - ATMEL Corporation TS8388BCGL Datasheet HTML 31Page - ATMEL Corporation TS8388BCGL Datasheet HTML 32Page - ATMEL Corporation TS8388BCGL Datasheet HTML 33Page - ATMEL Corporation TS8388BCGL Datasheet HTML 34Page - ATMEL Corporation TS8388BCGL Datasheet HTML 35Page - ATMEL Corporation TS8388BCGL Datasheet HTML 36Page - ATMEL Corporation TS8388BCGL Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
33
TS8388B
2144C–BDC–04/03
Three possible line driving and back-termination scenarios are proposed (assuming V
PLUSD =
0V):
1.
75
Ω impedance transmission lines, 75Ω differentially terminated (Figure 34):
Each output voltage varies between -1V and -1.42V (respectively +1.4V and +1V), leading
to ±0.41V = 0.825V in differential, around -1.21V (respectively +1.21V) common mode for
V
PLUSD = 0V (respectively 2.4V).
2.
50
Ω impedance transmission lines, 50Ω differentially termination (Figure 35):
Each output voltage varies between -1.02V and -1.35V (respectively +1.38V and +1.05V),
leading to ±0.33V = 660 mV in differential, around -1.18V (respectively +1.21V) common
mode for V
PLUSD = 0V (respectively 2.4V).
3.
75
Ω impedance open transmission lines (Figure 36):
Each output voltage varies between -1.6V and -0.8V (respectively +0.8V and +1.6V),
which are true ECL levels, leading to ±0.8V = 1.6V in differential, around -1.2V (respec-
tively +1.2V) common mode for V
PLUSD = 0V (respectively 2.4V). Therefore, it is possible
to drive directly high input impedance storing registers, without terminating the 75
Ω trans-
mission lines. In time domain, that means that the incident wave will reflect at the 75
Ω
transmission line output and travel back to the generator (i.e.: the 75
Ω data output buffer).
As the buffer output impedance is 75
Ω, no back reflection will occur.
Note: This is no longer true if a 50
Ω transmission line is used, as the latter is not matching the
buffer 75
Ω output impedance.
Each differential output termination length must be kept identical. It is recommended to decou-
ple the midpoint of the differential termination with a 10 nF capacitor to avoid common mode
perturbation in case of slight mismatch in the differential output line lengths.
Too large mismatches (keep < a few mm) in the differential line lengths will lead to switching
currents flowing into the decoupling capacitor leading to switching ground noise.
The differential output voltage levels (75
Ω or 50Ω termination) are not ECL standard voltage
levels, however it is possible to drive standard logic ECL circuitry like the ECLinPS logic line
from Motorola®.
At sampling rates exceeding 1 GSPS, it may be difficult to trigger any Acquisition System with
digital outputs. It becomes necessary to regenerate digital data and Data Ready by means of
external amplifiers, in order to be able to test the TS8388B at its optimum performance
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com