Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp S7G2 Datasheet HTML 37Page - Renesas Technology Corp S7G2 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 34 of 113
Feb 23, 2016
S7G2
1. Overview
Note:
Some pin names have the added suffix of _A, _B, and _C. When assigning the IIC, SPI, and SSI functionality,
select the functional pins with the same suffix. The other pins can be selected regardless of the suffix.
N10
-
-
----P01
1
--
------
-------
-AN
104
--IRQ
15-
DS
-
M1
0
M8
159
----P01
0
--
------
-------
-AN
103
--IRQ
14-
DS
-
R10
M9
160
M9
131
-
-
P00
9
--
------
-------
-AN
004
--IRQ
13-
DS
-
N11
P10
161
N9
132
92
-
P00
8
--
------
-------
-AN
003
--IRQ
12-
DS
-
L9
M6
162
K7
133
93
-
P00
7
--
------
-------
-PG
AV
SS
100
----
P10
N10
163
L9
134
94
-
P00
6
--
------
-------
-AN
102
IVC
MP
2
-IRQ
11-
DS
-
R11
R10
164
K8
135
95
-
P00
5
--
------
-------
-AN
101
IVC
MP
2
-IRQ
10-
DS
-
M11
P11
165
K9
136
96
-
P00
4
--
------
-------
-AN
100
IVC
MP
2
-IRQ
9-
DS
-
L10
M5
166
K10
137
97
-
P00
3
--
------
-------
-PG
AV
SS
000
----
N12
R11
167
M1
0
138
98
-
P00
2
--
------
-------
-AN
002
IVC
MP
2
-IRQ
8-
DS
-
P11
N11
168
N10
139
99
-
P00
1
--
------
-------
-AN
001
IVC
MP
2
-IRQ
7-
DS
-
R12
R12
169
L10
140
100
-
P00
0
--
------
-------
-AN
000
IVC
MP
2
-IRQ
6-
DS
-
L11
M1
0
170
N11
141
-
VS
S
---
------
-------
------
L12
M11
171
N12
142
-
VC
C
---
------
-------
------
M1
2
P12
172
----P80
6
--
------
-------
-----LC
D_
EX
TC
LK_
B
R13
R13
173
----P80
5
--
------
-------
-----LC
D_
DA
TA1
7_B
P12
-
-
----P80
7
--
------
-------
------
P13
N12
174
----P51
3
--
------
----ET1
_ET
XD
3
--
-----LC
D_
DA
TA1
6_B
K9
--
----P51
5
--
------
-------
------
R14
R14
175
M11
143
-
-
P51
2
--
--GTI
OC
0A_
B
-CT
X1_
B
TX
D4_
B/
MO
SI4
_B/
SD
A4_
B
-SC
L2
--ET1
_ET
XD
2
--
----IRQ
14
VS
YN
C
P14
-
-
----P51
4
--
-GT
ET
RG
B_
C
----
-------
----
-
R15
P13
176
M1
2
144
-
-
P51
1
--
--GTI
OC
0B_
B
-CR
X1_
B
RX
D4_
B/
MIS
O4
_B/
SC
L4_
B
-SD
A2
--ET1
_TX
_E
R
--
----IRQ
15
PC
KO
Table 1.17
Pin list (12/12)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com