Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 32Page - Renesas Technology Corp S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp S7G2 Datasheet HTML 37Page - Renesas Technology Corp S7G2 Datasheet HTML 38Page - Renesas Technology Corp S7G2 Datasheet HTML 39Page - Renesas Technology Corp S7G2 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 36 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Derating is the systematic reduction of load for improved reliability.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC – VOH) ×
ΣIOH + VOL × ΣIOL + ICCmax × VCC.
2.2.2
I/O VIH, VIL
Table 2.2
Recommended operating conditions
Item
Symbol
Value
Min
Typ
Max
Unit
Power supply voltages
VCC
When USB/SDRAM is not used 2.7
-
3.6
V
When USB/SDRAM is used
3.0
-
3.6
V
VSS
-0
-V
USB power supply voltages
VCC_USB,
VCC_USBHS
-VCC
-V
VSS_USB,
AVSS_USBHS,
PVSS_USBHS,
VSS1_USBHS,
VSS2_USBHS
-0
-V
Switching regulator power
supply voltage
VCC_DCDC
When switching regulator is
used
-VCC
-V
When switching regulator is not
used
-0
-V
VBATT power supply voltage
VBATT
2.0
3.6
V
Analog power supply voltages
AVCC0
-
VCC
-
V
AVSS0
-
0
-
V
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) –40 to +105°C
Item
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
-
125
°C
High-speed mode
Low-speed mode
Subosc-speed mode
Table 2.4
I/O VIH, VIL (1/2)
Item
Symbol
Min
Typ
Max
Unit
Input voltage
(except for Schmitt
trigger input pins)
Peripheral
function pin
EXTAL(external clock
input), WAIT, SPI
VIH
VCC × 0.8
-
VCC + 0.3
V
VIL
–0.3
-
VCC × 0.2
D00 to D15,
DQ00 to DQ15
VIH
VCC × 0.7
-
VCC + 0.3
VIL
–0.3
-
VCC × 0.3
ETHERC
VIH
2.3
-
VCC + 0.3
VIL
–0.3
-
VCC × 0.2
IIC (SMBus)*1
VIH
2.1
-
VCC + 0.3
VIL
–0.3
-
0.8
IIC (SMBus)*2
VIH
2.1
-
5.8
VIL
–0.3
-
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com