Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 76Page - Renesas Technology Corp S7G2 Datasheet HTML 77Page - Renesas Technology Corp S7G2 Datasheet HTML 78Page - Renesas Technology Corp S7G2 Datasheet HTML 79Page - Renesas Technology Corp S7G2 Datasheet HTML 80Page - Renesas Technology Corp S7G2 Datasheet HTML 81Page - Renesas Technology Corp S7G2 Datasheet HTML 82Page - Renesas Technology Corp S7G2 Datasheet HTML 83Page - Renesas Technology Corp S7G2 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 80 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.55
SSI data transmit and receive timing when SSICR.SCKP = 1
Figure 2.56
SSI data output delay after SSIWSn change
2.3.15
SD/MMC Host Interface Timing
Table 2.30
SD/MMC Host Interface signal timing
Conditions: High drive output is selected in the port drive capability bit in the PmnPFS register.
Clock duty ratio is 50%.
Item
Symbol
Min
Max
Unit
Test conditions
SDCLK clock cycle
TSDCYC
20
-
ns
Figure 2.57
SDCLK clock high pulse width
TSDWH
6.5
-
ns
SDCLK clock low pulse width
TSDWL
6.5
-
ns
SDCLK clock rise time
TSDLH
-3
ns
SDCLK clock fall time
TSDHL
-3
ns
SDCMD/SDDAT output data delay
TSDODLY
–6
5
ns
SDCMD/SDDAT input data setup
TSDIS
4-
ns
SDCMD/SDDAT input data hold
TSDIH
2-
ns
tSR
tHTR
tDTR
SSISCKn
(Input or Output)
SSIWSn, SSIDATAn
(Input)
SSIWSn, SSIDATAn
(Output)
tDTRW
SSIWSn (input)
SSIDATAn (output)
MSB bit output delay after SSIWSn change for Slave
transmitter when DEL = 1, SDTA = 0 or DEL = 1, SDTA = 1, SWL[2:0]=DWL[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com