Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 78Page - Renesas Technology Corp S7G2 Datasheet HTML 79Page - Renesas Technology Corp S7G2 Datasheet HTML 80Page - Renesas Technology Corp S7G2 Datasheet HTML 81Page - Renesas Technology Corp S7G2 Datasheet HTML 82Page - Renesas Technology Corp S7G2 Datasheet HTML 83Page - Renesas Technology Corp S7G2 Datasheet HTML 84Page - Renesas Technology Corp S7G2 Datasheet HTML 85Page - Renesas Technology Corp S7G2 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 82 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.58
REF50CK and RMII signal timing
Figure 2.59
RMII transmission timing
Figure 2.60
RMII reception timing in normal operation
Note 1. RMII_TXD_EN, RMII_TXD1, RMII_TXD0, RMII_CRS_DV, RMII_RXD1, RMII_RXD0,
RMII_RX_ER
Change in
signal level
Signal
Thd
Tsu
Tco
Tf
Tr
Tckr
Tckf
Tck
Signal
90%
50%
10%
90%
50%
REF50CK
RMII_xxxx
*1
10%
Change
in signal
level
Change
in signal
level
Preamble
SFD
DATA
CRC
TCO
TCO
TCK
REF50CK
RMII_TXD_EN
RMII_TXD1,
RMII_TXD0
Preamble
DATA
CRC
SFD
Tsu
Tsu
Thd
Thd
L
REF50CK
RMII_CRS_DV
RMII_RXD1,
RMII_RXD0
RMII_RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com