Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 29Page - Renesas Technology Corp S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp S7G2 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 33 of 113
Feb 23, 2016
S7G2
1. Overview
P5
N5
143
K5
116
79
-
P50
3
--
-GT
ET
RG
C_
B
GTI
OC
12B
-US
B_
EXI
CE
N_
B
CT
S6_
RT
S6_
B/
SS
6_B
SC
K5_
A
-QIO
1
----
SD
1D
AT1
AN
117
--
-
R5
P5
144
L5
117
80
-
P50
4
--
-GT
ET
RG
D_
B
GTI
OC
13A
-US
B_I
D_
B
SC
K6_
B
CT
S5_
RT
S5_
A/
SS
5_A
QIO
2
----
SD
1D
AT2
AN
018
--
-
M5
P6
145
K6
118
-
-
P50
5
--
--GTI
OC
13B
--RX
D6_
B/
MIS
O6
_B/
SC
L6_
B
--QIO
3
----
SD
1D
AT3
AN
118
--IRQ
14
-
M6
R5
146
L6
119
-
-
P50
6
--
-----TX
D6_
B/
MO
SI6
_B/
SD
A6_
B
-------
SD
1C
D
AN
019
--IRQ
15
-
N6
N6
147
----P50
7
--
-----
CT
S5_
RT
S5_
B/
SS
5_B
------
SD
1W
P
AN
119
----
M7
--
----P50
8
--
-----
SC
K5_
B
------
-AN
020
----
P6
--
----P50
9
--
-----
TX
D5_
B/
MO
SI5
_B/
SD
A5_
B
------
-AN
120
----
N7
--
----P51
0
--
------
RX
D5_
B/
MIS
O5
_B/
SC
L5_
B
------
-AN
021
----
R6
R6
148
N4
120
81
VC
L2
---
------
-------
------
P7
M7
149
N5
121
82
VC
C
---
------
-------
------
R7
N7
150
M5
122
83
VS
S
---
------
-------
------
M8
P7
151
M6
123
84
-
P01
5
--
------
-------
-AN
006
/AN
106
DA
1/IV
CM
P1
-IRQ
13
-
M9
R7
152
N6
124
85
-
P01
4
--
------
-------
-AN
005
/AN
105
DA
0/IV
RE
F3
---
N8
P8
153
M7
125
86
VR
EFL
---
------
-------
------
R8
R8
154
N7
126
87
VR
EF
H
---
------
-------
------
P8
N8
155
L7
127
88
AV
CC
0
---
------
-------
------
N9
N9
156
L8
128
89
AV
SS
0
---
------
-------
------
P9
P9
157
M8
129
90
VR
EFL
0
---
------
-------
------
R9
R9
158
N8
130
91
VR
EF
H0
---
------
-------
------
Table 1.17
Pin list (11/12)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com