Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 65Page - Renesas Technology Corp S7G2 Datasheet HTML 66Page - Renesas Technology Corp S7G2 Datasheet HTML 67Page - Renesas Technology Corp S7G2 Datasheet HTML 68Page - Renesas Technology Corp S7G2 Datasheet HTML 69Page - Renesas Technology Corp S7G2 Datasheet HTML 70Page - Renesas Technology Corp S7G2 Datasheet HTML 71Page - Renesas Technology Corp S7G2 Datasheet HTML 72Page - Renesas Technology Corp S7G2 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 69 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.40
SCI simple SPI mode timing for slave when CKPH = 1
Figure 2.41
SCI simple SPI mode timing for slave when CKPH = 0
Table 2.24
SCI timing (3) (1/2)
Conditions: For the SCL1_A pins, low drive output is selected in the port drive capability bit in the PmnPFS register.
For other pins, middle drive output is selected in the port drive capability bit in the PmnPFS register.
Item
Symbol
Min
Max
Unit
Test conditions
Simple IIC
(Standard mode)
SDA input rise time
tSr
-
1000
ns
Figure 2.42
SDA input fall time
tSf
-
300
ns
SDA input spike pulse removal time
tSP
04 × tIICcyc
ns
Data input setup time
tSDAS
250
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb*1
-
400
pF
tDr, tDf
tSU
tH
tLEAD
tTD
tLAG
tSA
MSB IN
DATA
LSB IN
MSB IN
MSB OUT
DATA
LSB OUT
MSB IN
MSB OUT
tOH
tOD
tREL
SSn
input
SCKn
CKPOL = 0
input
SCKn
CKPOL = 1
input
MISOn
output
MOSIn
input
(n = 0 to 9)
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SSn
input
SCKn
CKPOL = 1
input
SCKn
CKPOL = 0
input
MISOn
output
MOSIn
input
(n = 0 to 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com