Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 6Page - Renesas Technology Corp S7G2 Datasheet HTML 7Page - Renesas Technology Corp S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp S7G2 Datasheet HTML 10Page - Renesas Technology Corp S7G2 Datasheet HTML 11Page - Renesas Technology Corp S7G2 Datasheet HTML 12Page - Renesas Technology Corp S7G2 Datasheet HTML 13Page - Renesas Technology Corp S7G2 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 10 of 113
Feb 23, 2016
S7G2
1. Overview
1.3
Part Numbering
Figure 1.2
Part numbering scheme
R 7 F S 7 G 2 7
Package type
BD: BGA 224 pins
BG: BGA 176 pins
FC: LQFP 176 pins
FB: LQFP 144 pins
FP: LQFP 100 pins
LK: LGA 145 pins
Quality ID
Software ID
Operating temperature
2: -40° C to 85° C
3: -40° C to 105° C
Code flash memory size
G: 3 MB
H: 4 MB
Feature set
7: Superset
Group name
2: S7G2
Core
G: ARM Cortex-M4
Series name
7: High performance
Renesas Synergy family
Flash memory
Renesas microcontroller unit
Renesas
H 2 A 0 1 C B D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com