Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 83Page - Renesas Technology Corp S7G2 Datasheet HTML 84Page - Renesas Technology Corp S7G2 Datasheet HTML 85Page - Renesas Technology Corp S7G2 Datasheet HTML 86Page - Renesas Technology Corp S7G2 Datasheet HTML 87Page - Renesas Technology Corp S7G2 Datasheet HTML 88Page - Renesas Technology Corp S7G2 Datasheet HTML 89Page - Renesas Technology Corp S7G2 Datasheet HTML 90Page - Renesas Technology Corp S7G2 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 87 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.72
LCD_CLK clock output timing
Figure 2.73
Display output timing
Figure 2.74
LCD output rise and fall times
2.4
USB Characteristics
2.4.1
USBHS Timing
Table 2.34
USBHS low-speed characteristics for host only (USBHS_DP and USBHS_DM pin characteristics)
(1/2)
Conditions: USBHS_RREF = 2.2 kΩ ± 1%, USBMCLK = 20/24 MHz, UCLK = 48 MHz
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Input
characteristics
Input high voltage
VIH
2.0
-
-
V
-
-
Input low voltage
VIL
--
0.8
V
-
-
Differential input sensitivity
VDI
0.2
-
-
V
| USBHS_DP -
USBHS_DM |
-
Differential common-mode
range
VCM
0.8
-
2.5
V
-
-
tLcyc
tLOL
tLOH
tLOF
tLOR
LCD_CLK
LCD_CLK
tDD
tDD
LCD_DATA00 to
LCD_DATA23,
LCD_TCON0 to
LCD_TCON3
Output on
falling edge
Output on
rising edge
tDr, tDf
LCD
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com