Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 42Page - Renesas Technology Corp S7G2 Datasheet HTML 43Page - Renesas Technology Corp S7G2 Datasheet HTML 44Page - Renesas Technology Corp S7G2 Datasheet HTML 45Page - Renesas Technology Corp S7G2 Datasheet HTML 46Page - Renesas Technology Corp S7G2 Datasheet HTML 47Page - Renesas Technology Corp S7G2 Datasheet HTML 48Page - Renesas Technology Corp S7G2 Datasheet HTML 49Page - Renesas Technology Corp S7G2 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 46 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
2.3.3
Reset Timing
Figure 2.8
Power-on reset timing
Figure 2.9
Reset input timing
Table 2.15
Reset timing
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
RES pulse width
Power-on
LDO mode
tRESWP
1-
-
ms
Figure 2.8
DCDC mode
1.5
-
-
ms
Deep Software Standby mode
tRESWD
0.6
-
-
ms
Figure 2.9
Software Standby mode, Subosc-speed
mode
tRESWS
0.3
-
-
ms
All other
tRESW
200
-
-
μs
Wait time after RES cancellation
tRESWT
-
-
33.4
μs
Figure 2.8
Wait time after internal reset cancellation
(IWDT reset, WDT reset, software reset, SRAM parity error
reset, SRAM ECC error reset, bus master MPU error reset, bus
slave MPU error reset, stack pointer error reset)
tRESW2
-
-
390
μs-
VCC
RES
Internal reset signal
(low is valid)
tRESWP
tRESWT
RES
Internal reset signal
(low is valid)
tRESWD, tRESWS, tRESW
tRESWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com