Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 10Page - Renesas Technology Corp S7G2 Datasheet HTML 11Page - Renesas Technology Corp S7G2 Datasheet HTML 12Page - Renesas Technology Corp S7G2 Datasheet HTML 13Page - Renesas Technology Corp S7G2 Datasheet HTML 14Page - Renesas Technology Corp S7G2 Datasheet HTML 15Page - Renesas Technology Corp S7G2 Datasheet HTML 16Page - Renesas Technology Corp S7G2 Datasheet HTML 17Page - Renesas Technology Corp S7G2 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 14 of 113
Feb 23, 2016
S7G2
1. Overview
SSI
SSISCK0
I/O
SSI serial bit clock pin.
SSISCK1
SSIWS0
I/O
Word select pins.
SSIWS1
SSITXD0
Output
Serial data output pins.
SSIRXD0
Input
Serial data input pins.
SSIDATA1
I/O
Serial data input/output pins.
AUDIO_CLK
Input
External clock pin for audio (input oversampling clock).
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin.
MOSIA, MOSIB
I/O
Input or output pins for data output from the master.
MISOA, MISOB
I/O
Input or output pins for data output from the slave.
SSLA0, SSLB0
I/O
Input or output pin for slave selection.
SSLA1 to SSLA3,
SSLB1 to SSLB3
Output
Output pin for slave selection.
QSPI
QSPCLK
Output
QSPI clock output pin.
QSSL
Output
QSPI slave output pin.
QIO0 to QIO3
I/O
Data0 to Data3.
CAN
CRX0, CRX1
Input
Receive data.
CTX0, CTX1
Output
Transmit data.
USBFS
VCC_USB
Input
Power supply pins.
VSS_USB
Input
Ground pins.
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. Connect this pin to the D+ pin of
the USB bus.
USB_DM
I/O
D– I/O pin of the USB on-chip transceiver. Connect this pin to the D– pin of
the USB bus.
USB_VBUS
Input
USB cable connection monitor pin. Connect this pin to VBUS of the USB
bus. The VBUS pin status (connected or disconnected) can be detected
when the USB module is operating as a function controller.
USB_EXICEN
Output
Low-power control signal for external power supply (OTG) chip.
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip.
USB_OVRCURA,
USB_OVRCURB
Input
Connect the external overcurrent detection signals to these pins. Connect
the VBUS comparator signals to these pins when the OTG power supply
chip is connected.
USB_ID
Input
Connect the MicroAB connector ID input signal to this pin during operation in
OTG mode.
USBHS
VCC_USBHS
Input
Power supply pin.
VSS1_USBHS
Input
Ground pin.
VSS2_USBHS
Input
Ground pin.
AVCC_USBHS
Input
Analog power supply pin for the USBHS.
AVSS_USBHS
Input
Analog ground pin for the USBHS. Must be shorted to the PVSS_USBHS
pin.
PVSS_USBHS
Input
PLL circuit ground pin for the USBHS. Must be shorted to the AVSS_USBHS
pin.
USBHS_RREF
I/O
USBHS reference current source pin. Connect this pin to the AVSS_USBHS
pin through a 2.2-k
 resistor (1%).
USBHS_DP
I/O
USB bus D+ data pin.
USBHS_DM
I/O
USB bus D- data pin.
USBHS_EXICEN
Output
Connect this pin to the OTG power supply IC.
USBHS_ID
Input
Connect this pin to the OTG power supply IC.
USBHS_VBUSEN
Output
VBUS power enable signal for USB.
USBHS_OVRCURA,
USBHS_OVRCURB
Input
Overcurrent pin for USB.
USBHS_VBUS
Input
USB cable connection monitor input pin.
Table 1.16
Pin functions (3/5)
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com