Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 28Page - Renesas Technology Corp S7G2 Datasheet HTML 29Page - Renesas Technology Corp S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 32 of 113
Feb 23, 2016
S7G2
1. Overview
N2
N1
129
L1
105
72
-
P10
3
D03
DQ
03
-GT
OW
UP
_A
GTI
OC
2A_
A
--CT
S0_
RT
S0_
A/
SS
0_A
--SS
LA0
_A
----
----KR
03
LC
D_
TC
ON
1_A
N1
M3
130
M1
106
73
-
P10
2
D02
DQ
02
AG
TO
0
GT
OW
LO
_A
GTI
OC
2B_
A
--SC
K0_
A
--RS
PC
KA
_A
----
-AD
TR
G0
_A
--KR
02
LC
D_
TC
ON
0_A
P1
N2
131
M2
107
74
-
P10
1
D01
DQ
01
AG
TE
E0
GT
ET
RG
B_
A
---TX
D0_
A/
MO
SI_
A/
SD
A0_
A
CT
S1_
RT
S1_
A/
SS
1_A
SD
A1_
B
MO
SIA
_A
----
----IRQ
1/K
R01
LC
D_
CL
K_
A
R1
P1
132
N1
108
75
-
P10
0
D00
DQ
00
AG
TIO
0_A
GT
ET
RG
A_
A
---RX
D0_
A/
MIS
O0
_A/
SL
C0_
A
SC
K1_
A
SC
L1_
B
MIS
OA
_A
----
----IRQ
2/K
R00
LC
D_
EX
TC
LK_
A
P2
N3
133
L2
109
-
-
P80
0
D14
DQ
14
------
-------
------
R2
R1
134
N2
110
-
-
P80
1
D15
DQ
15
------
-------
SD
1D
AT4
-----
K7
--
----P80
8
--
------
-------
------
K8
--
----P80
9
--
------
-------
------
P3
--
----P81
0
--
------
-------
------
R3
P2
135
----P80
2
--
------
-------
SD
1D
AT5
----LC
D_
DA
TA0
2_B
P4
R2
136
----P80
3
--
------
-------
SD
1D
AT6
----LC
D_
DA
TA0
1_B
M4
P3
137
-
-
-
P80
4
--
------
-------
SD
1D
AT7
----LC
D_
DA
TA0
0_B
L5
--
---
P81
1
--
----CT
X0_
C
-
-------
------
L6
--
---
P81
2
--
----CR
X0_
C
-
-------
------
L7
N4
138
N3
111
-
VC
C
--
----
-
-------
------
L8
M4
139
M3
112
-
VS
S
--
----
-
-------
------
R4
R3
140
K4
113
76
-
P50
0
--
AG
TO
A0
GTI
U_
B
GTI
OC
11A
_A
-US
B_
VB
US
EN
_B
-
--QS
PC
LK
----
SD
1CL
K
AN
016
IVR
EF0
---
N4
P4
141
M4
114
77
-
P50
1
--
AG
TO
B0
GTI
V_
B
GTI
OC
11B
_A
-US
B_
OV
RC
UR
A_
B
-TX
D5_
A/
MO
SI5
_A/
SD
A5_
A
-QS
SL
----
SD
1C
MD
AN
116
IVR
EF1
-IRQ
11
-
N5
R4
142
L4
115
78
-
P50
2
--
-GTI
W_
B
GTI
OC
12A
-US
B_
OV
RC
UR
B_
B
-RX
D5_
A/
MIS
O5
_A/
SC
L5_
A
-QIO
0
----
SD
1D
AT0
AN
017
IVC
MP
0
-IRQ
12
-
Table 1.17
Pin list (10/12)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com