Electronic Components Datasheet Search
  English  ▼

X  

S7G2 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 24Page - Renesas Technology Corp S7G2 Datasheet HTML 25Page - Renesas Technology Corp S7G2 Datasheet HTML 26Page - Renesas Technology Corp S7G2 Datasheet HTML 27Page - Renesas Technology Corp S7G2 Datasheet HTML 28Page - Renesas Technology Corp S7G2 Datasheet HTML 29Page - Renesas Technology Corp S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 28 of 113
Feb 23, 2016
S7G2
1. Overview
E7
D8
70
----P90
8
CS
7
-
------
-------
-----LC
D_
DA
TA1
4_B
F7
D7
71
----P90
7
CS
6
-
------
-------
-----LC
D_
DA
TA1
3_B
F6
A7
72
----P90
6
CS
5
-
------
-------
-----LC
D_
DA
TA1
2_B
A6
B7
73
----P90
5
CS
4
-
------
-------
-----LC
D_
DA
TA1
1_B
B6
C7
74
C6
58
-
-
P31
2
CS
3
CA
S
------
-------
------
C7
D6
75
B5
59
-
-
P31
1
CS
2
RA
S
------
-------
-----LC
D_
DA
TA2
3_A
A4
--
---VS
S
---
------
-------
------
B4
--
---VC
C
---
------
-------
------
C6
A6
76
D7
60
-
-
P31
0
A15
A15
------
-------
-----LC
D_
DA
TA2
2_A
C5
B6
77
A5
61
-
-
P30
9
A14
A14
------
-------
-----LC
D_
DA
TA2
1_A
D7
A5
78
C5
62
-
-
P30
8
A13
A13
------
-------
-----LC
D_
DA
TA2
0_A
D6
C6
79
A4
63
41
-
P30
7
A12
A12
-----CT
S6_
RT
S6_
A/
SS
6_A
-------
-----LC
D_
DA
TA1
9_A
D5
A4
80
B4
64
42
-
P30
6
A11
A11
-----SC
K6_
A
-------
-----LC
D_
DA
TA1
8_A
D4
B5
81
D6
65
43
-
P30
5
A10
A10
-----TX
D6_
A/
MO
SI6
_A/
SD
A6_
A
-------
----IRQ
8
LC
D_
DA
TA1
7_A
C4
B4
82
C4
66
44
-
P30
4
A09
A09
--GTI
OC
7A_
A
--RX
D6_
A/
MIS
O6
_A/
SC
L6_
A
-------
----IRQ
9
LC
D_
DA
TA1
6_A
A5
C5
83
A3
67
45
VS
S
---
------
-------
------
B5
D5
84
B3
68
46
VC
C
---
------
-------
------
E6
--
----P91
5
--
------
-------
-----LC
D_
DA
TA2
0_B
E5
--
----P91
4
--
------
-------
-----LC
D_
DA
TA1
9_B
Table 1.17
Pin list (6/12)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com