Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 104 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 104 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 100Page - Cirrus Logic WM8310 Datasheet HTML 101Page - Cirrus Logic WM8310 Datasheet HTML 102Page - Cirrus Logic WM8310 Datasheet HTML 103Page - Cirrus Logic WM8310 Datasheet HTML 104Page - Cirrus Logic WM8310 Datasheet HTML 105Page - Cirrus Logic WM8310 Datasheet HTML 106Page - Cirrus Logic WM8310 Datasheet HTML 107Page - Cirrus Logic WM8310 Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
104
17 POWER SUPPLY CONTROL
17.1 GENERAL DESCRIPTION
The WM8310 can take its power supply from a Wall adaptor, a USB interface or from a single-cell
lithium battery. The WM8310 autonomously chooses the most appropriate power source available,
and supports hot-swapping between sources (ie. the system can remain in operation while different
sources are connected and disconnected).
Comparators within the WM8310 identify which power supplies are available and select the power
source in the following order of preference:
Wall adaptor (WALLVDD)
USB power rail (USBVDD)
Battery (BATTVDD)
Note that the Wall supply is normally the first choice of supply, provided that it is within the operating
limits quoted in Section 6. The WM8310 can operate with any combination of these power supplies,
or with just a single supply.
When WALLVDD or USBVDD is selected as the power source, this may be used to charge the
Battery, using the integrated battery charger circuit.
The recommended connections between the WM8310 and the WALL, USB and Battery supplies are
illustrated in Figure 24. Note that the external FET components may be omitted in some applications;
as described later in this section.
Figure 24 WM8310 Power Supply Connections
SYSVDD is primarily an output from the WM8310; this output is the preferred supply, where the
WM8310 has arbitrated between the Wall, Battery and USB connections. This output is suitable for
supplying power to the other blocks of the WM8310, including the DC-DC Converters and LDO
Regulators. SYSVDD is also an input under some conditions, such as battery charging from the Wall
supply. The voltage at the SYSVDD load connection point is sensed using the SYSVMON pin.
All loads connected to the WM8310 should be connected to the SYSVDD pin. The inputs to the DC-
DC Converters and LDOs are typically connected to the SYSVDD pin. The inputs to the LDOs may,
alternatively, be connected to the outputs of the DC-DCs if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com