Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 107 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 107 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 103Page - Cirrus Logic WM8310 Datasheet HTML 104Page - Cirrus Logic WM8310 Datasheet HTML 105Page - Cirrus Logic WM8310 Datasheet HTML 106Page - Cirrus Logic WM8310 Datasheet HTML 107Page - Cirrus Logic WM8310 Datasheet HTML 108Page - Cirrus Logic WM8310 Datasheet HTML 109Page - Cirrus Logic WM8310 Datasheet HTML 110Page - Cirrus Logic WM8310 Datasheet HTML 111Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
107
17.4 USB POWERED OPERATION
The WM8310 selects USB power via the USBVDD pin when this supply is within the normal USB
operating limits of 4.3V to 5.5V, and WALLVDD is less than 4.3V and USBVDD is the highest supply
source available. USB power is also selected below 4.3V if WALLVDD is less than 3.4V and
USBVDD is the highest supply available.
The maximum current drawn from the USB supply is determined by the USB_ILIM register field.
Currents ranging from 0mA to 1800mA may be selected. See also Section 7 for the limits of the USB
Current switch. If the system current demand is greater than the limit set by USB_ILIM, then this is
indicated via the USB_CURR_STS bit and by setting the PPM_USB_CURR_EINT interrupt (see
Section 17.5).
The USB power source will be supplemented by battery power, when available, in order to maintain
the USB current within the applicable limit. If there is no battery connected, or there is insufficient
capacity to support the system demands, then the supply rails may drop as the WM8310 attempts to
meet the USB current limit.
If a suitable WALLVDD supply becomes available during USB operation, then this will be selected as
the preferred power source.
When the USBVDD supply is selected and a Battery is connected, then battery charging is possible in
the ON or SLEEP power states, provided that sufficient current capacity is available. See
Section 17.7 for details of the Battery Charger.
Note that, when the USBVDD supply is selected by the WM8310, and an ‘ON’ state transition is
requested, the USB current limit must be set to 100mA or higher. If a lower current limit is selected,
then the ‘ON’ state transition event may fail. This requirement is also applicable when a battery is
available to provide supplementary power. There is no requirement to set USB_ILIM for start-up when
the WALLVDD supply is selected.
The user-configurable OTP memory contains the USB_ILIM register field. This allows users to
program their chosen USB current limit on start-up (Note that the current limit can still be updated
during normal operation.) If the WM8310 is powered up with USBVDD as the selected power source,
and the applicable USB current limit is 100mA, then the start-up behaviour is determined by the
USB100MA_STARTUP field, as defined in Table 55.
When starting up in 100mA USB mode, the normal or soft-start process can be selected. The soft-
start option controls the DC-DC converters and LDO Regulators in order to reduce the start-up current
demand. In 100mA USB soft-start operation, the DC-DC Converters are initially enabled in LDO mode
in order that the in-rush current does not exceed the USB limit. The LDO Regulators are also current-
limited during the soft start-up.
Care is required when using the 100mA soft-start; if the LDOs or DC-DCs present an excessive load,
then the WM8310 may be unable to power up; it must be ensured that the connected load is
compatible with the 100mA current limit. In particular, it is important that the loads on the DC-DC
Converters do not exceed the capacity of their LDO operating modes. (See Section 7.1 for the
maximum current in LDO mode.)
It is also possible to delay the USB start-up if the battery voltage is less than a selectable threshold; in
these cases, the WM8310 enables the battery trickle charge mode (provided that CHG_ENA = 1),
and delays the start-up request until the battery voltage threshold has been met. See also
Section 27.1 for specific external component requirements relating to the USB100MA_STARTUP
register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com