Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 184 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 184 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 180Page - Cirrus Logic WM8310 Datasheet HTML 181Page - Cirrus Logic WM8310 Datasheet HTML 182Page - Cirrus Logic WM8310 Datasheet HTML 183Page - Cirrus Logic WM8310 Datasheet HTML 184Page - Cirrus Logic WM8310 Datasheet HTML 185Page - Cirrus Logic WM8310 Datasheet HTML 186Page - Cirrus Logic WM8310 Datasheet HTML 187Page - Cirrus Logic WM8310 Datasheet HTML 188Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
184
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2
GP3_EINT
0
GPIO3 interrupt.
(Trigger is controlled by GP3_INT_MODE)
Note: Cleared when a ‘1’ is written.
1
GP2_EINT
0
GPIO2 interrupt.
(Trigger is controlled by GP2_INT_MODE)
Note: Cleared when a ‘1’ is written.
0
GP1_EINT
0
GPIO1 interrupt.
(Trigger is controlled by GP1_INT_MODE)
Note: Cleared when a ‘1’ is written.
Register 4015h Interrupt Status 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16407
(4017h) IRQ
Config
1
IRQ_OD
1
IRQ pin configuration
0 = CMOS
1 = Open Drain (integrated pull-up)
0
IM_IRQ
0
IRQ pin output mask
0 = Normal
1 = IRQ output is masked
Register 4017h IRQ Config
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16408
(4018h)
System
Interrupts
Mask
15
IM_PS_INT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
14
IM_TEMP_INT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
13
IM_GP_INT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
12
IM_ON_PIN_IN
T
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
11
IM_WDOG_INT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
8
IM_AUXADC_I
NT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com