Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 182 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 182 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 178Page - Cirrus Logic WM8310 Datasheet HTML 179Page - Cirrus Logic WM8310 Datasheet HTML 180Page - Cirrus Logic WM8310 Datasheet HTML 181Page - Cirrus Logic WM8310 Datasheet HTML 182Page - Cirrus Logic WM8310 Datasheet HTML 183Page - Cirrus Logic WM8310 Datasheet HTML 184Page - Cirrus Logic WM8310 Datasheet HTML 185Page - Cirrus Logic WM8310 Datasheet HTML 186Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
182
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5
OTP_CMD_EN
D_EINT
0
OTP / ICE Command End interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
4
OTP_ERR_EIN
T
0
OTP / ICE Command Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
PS_POR_EINT
0
Power On Reset interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
PS_SLEEP_O
FF_EINT
0
SLEEP or OFF interrupt (Power state transition to
SLEEP or OFF states)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
0
PS_ON_WAKE
_EINT
0
ON or WAKE interrupt (Power state transition to ON
state)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
Register 4012h Interrupt Status 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16403
(4013h)
Interrupt
Status 3
9
UV_LDO10_EI
NT
0
LDO10 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
UV_LDO9_EIN
T
0
LDO9 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7
UV_LDO8_EIN
T
0
LDO8 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
UV_LDO7_EIN
T
0
LDO7 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
5
UV_LDO6_EIN
T
0
LDO6 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
4
UV_LDO5_EIN
T
0
LDO5 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
3
UV_LDO4_EIN
T
0
LDO4 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
UV_LDO3_EIN
T
0
LDO3 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
UV_LDO2_EIN
T
0
LDO2 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
0
UV_LDO1_EIN
T
0
LDO1 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
Register 4013h Interrupt Status 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com