Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 178 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 178 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 174Page - Cirrus Logic WM8310 Datasheet HTML 175Page - Cirrus Logic WM8310 Datasheet HTML 176Page - Cirrus Logic WM8310 Datasheet HTML 177Page - Cirrus Logic WM8310 Datasheet HTML 178Page - Cirrus Logic WM8310 Datasheet HTML 179Page - Cirrus Logic WM8310 Datasheet HTML 180Page - Cirrus Logic WM8310 Datasheet HTML 181Page - Cirrus Logic WM8310 Datasheet HTML 182Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
178
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16398
(400Eh) ON
Source
15
ON_TRANS
0
Most recent ON/WAKE event type
0 = WAKE transition
1 = ON transition
Reset by state machine.
11
ON_GPIO
0
Most recent ON/WAKE event type
0 = Not caused by GPIO input
1 = Caused by GPIO input
Reset by state machine.
10
ON_SYSLO
0
Most recent WAKE event type
0 = Not caused by SYSVDD
1 = Caused by SYSLO threshold. Note that the SYSLO
threshold cannot trigger an ON event.
Reset by state machine.
8
ON_CHG
0
Most recent WAKE event type
0 = Not caused by Battery Charger
1 = Caused by Battery Charger
TBC if this could cause ON due to Charger plugged in?
Reset by state machine.
7
ON_WDOG_T
O
0
Most recent WAKE event type
0 = Not caused by Watchdog timer
1 = Caused by Watchdog timer
Reset by state machine.
6
ON_SW_REQ
0
Most recent WAKE event type
0 = Not caused by software WAKE
1 = Caused by software WAKE command (CHIP_SLP =
0)
Reset by state machine.
5
ON_RTC_ALM
0
Most recent ON/WAKE event type
0 = Not caused by RTC Alarm
1 = Caused by RTC Alarm
Reset by state machine.
4
ON_ON_PIN
0
Most recent ON/WAKE event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
Reset by state machine.
3
RESET_CNV_
UV
0
Most recent ON event type
0 = Not caused by undervoltage
1 = Caused by a Device Reset due to a Converter (LDO
or DC-DC) undervoltage condition
Reset by state machine.
2
RESET_SW
0
Most recent ON event type
0 = Not caused by Software Reset
1 = Caused by Software Reset
Reset by state machine.
1
RESET_HW
0
Most recent ON event type
0 = Not caused by Hardware Reset
1 = Caused by Hardware Reset
Reset by state machine.
0
RESET_WDO
G
0
Most recent ON event type
0 = Not caused by the Watchdog
1 = Caused by a Device Reset triggered by the
Watchdog timer
Reset by state machine.
Register 400Eh ON Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com