Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 174 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 174 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 170Page - Cirrus Logic WM8310 Datasheet HTML 171Page - Cirrus Logic WM8310 Datasheet HTML 172Page - Cirrus Logic WM8310 Datasheet HTML 173Page - Cirrus Logic WM8310 Datasheet HTML 174Page - Cirrus Logic WM8310 Datasheet HTML 175Page - Cirrus Logic WM8310 Datasheet HTML 176Page - Cirrus Logic WM8310 Datasheet HTML 177Page - Cirrus Logic WM8310 Datasheet HTML 178Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
174
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16393
(4009h)
Software
Scratch
15:0
SW_SCRATCH
[15:0]
0000_0000
_0000_000
0
Software Scratch Register for use by the host processor.
Note that this register’s contents are retained in the
BACKUP power state.
Register 4009h Software Scratch
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16394
(400Ah)
OTP Control
15
OTP_PROG
0
Selects the PROGRAM device state.
0 = No action
1 = Select PROGRAM mode
Note that, after PROGRAM mode has been selected,
the chip will remain in PROGRAM mode until a Device
Reset.
Protected by security key.
13
OTP_MEM
1
Selects ICE or OTP memory for Program commands.
0 = ICE
1 = OTP
Protected by security key.
11
OTP_FINAL
0
Selects the FINALISE command, preventing further
OTP programming.
0 = No action
1 = Finalise Command
Protected by security key.
10
OTP_VERIFY
0
Selects the VERIFY command for the selected OTP
memory page(s).
0 = No action
1 = Verify Command
Protected by security key.
9
OTP_WRITE
0
Selects WRITE command for the selected OTP memory
page(s).
0 = No action
1 = Write Command
Protected by security key.
8
OTP_READ
0
Selects READ command for the selected memory
page(s).
0 = No action
1 = Read Command
Protected by security key.
7:6
OTP_READ_L
VL [1:0]
00
Selects the Margin Level for READ or VERIFY OTP
commands.
00 = Normal
01 = Reserved
10 = Margin 1
11 = Margin 2
Protected by security key.
5
OTP_BULK
0
Selects the number of memory pages for ICE / OTP
commands.
0 = Single Page
1 = All Pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com