Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 171 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 171 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 167Page - Cirrus Logic WM8310 Datasheet HTML 168Page - Cirrus Logic WM8310 Datasheet HTML 169Page - Cirrus Logic WM8310 Datasheet HTML 170Page - Cirrus Logic WM8310 Datasheet HTML 171Page - Cirrus Logic WM8310 Datasheet HTML 172Page - Cirrus Logic WM8310 Datasheet HTML 173Page - Cirrus Logic WM8310 Datasheet HTML 174Page - Cirrus Logic WM8310 Datasheet HTML 175Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
171
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2:0
USB_ILIM [2:0]
010
Sets the USB current limit
000 = 0mA (USB switch is open)
001 = 2.5mA
010 = 100mA
011 = 500mA
100 = 900mA
101 = 1500mA
110 = 1800mA
111 = 550mA
Note that, when starting up the WM8310 with the
USBVDD supply selected, the USB_ILIM register must
be set to 100mA or higher.
Register 4003h Power State
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16388
(4004h)
Watchdog
15
WDOG_ENA
1
Watchdog Timer Enable
0 = Disabled
1 = Enabled (enables the watchdog; does not reset it)
Protected by security key.
14
WDOG_DEBU
G
0
Watchdog Pause
0 = Disabled
1 = Enabled (halts the Watchdog timer for system
debugging)
Protected by security key.
13
WDOG_RST_S
RC
1
Watchdog Reset Source
0 = Hardware only
1 = Software only
Protected by security key.
12
WDOG_SLPE
NA
0
Watchdog SLEEP Enable
0 = Disabled
1 = Controlled by WDOG_ENA
Protected by security key.
11
WDOG_RESE
T
0
Watchdog Software Reset
0 = Normal
1 = Watchdog Reset (resets the watchdog, if
WDOG_RST_SRC = 1)
9:8
WDOG_SECA
CT [1:0]
10
Secondary action of Watchdog timeout (taken after 2
timeout periods)
00 = No action
01 = Interrupt
10 = Device Reset
11 = WAKE transition
Protected by security key.
5:4
WDOG_PRIMA
CT [1:0]
01
Primary action of Watchdog timeout
00 = No action
01 = Interrupt
10 = Device Reset
11 = WAKE transition
Protected by security key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com