Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 175 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 175 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 171Page - Cirrus Logic WM8310 Datasheet HTML 172Page - Cirrus Logic WM8310 Datasheet HTML 173Page - Cirrus Logic WM8310 Datasheet HTML 174Page - Cirrus Logic WM8310 Datasheet HTML 175Page - Cirrus Logic WM8310 Datasheet HTML 176Page - Cirrus Logic WM8310 Datasheet HTML 177Page - Cirrus Logic WM8310 Datasheet HTML 178Page - Cirrus Logic WM8310 Datasheet HTML 179Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
175
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1:0
OTP_PAGE
[1:0]
00
Selects the single memory page for ICE / OTP
commands (when OTP_BULK=0).
If OTP is selected (OTP_MEM = 1):
00 = Page 0
01 = Page 1
10 = Page 2
11 = Page 3
If ICE is selected (OTP_MEM = 0):
00 = Page 2
01 = Page 3
10 = Page 4
11 = Reserved
Register 400Ah OTP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16396
(400Ch)
GPIO Level
11
GP12_LVL
0
GPIO12 level.
When GP12_FN = 0h and GP12_DIR = 0, write to this
bit to set a GPIO output.
Read from this bit to read GPIO input level.
When GP12_POL is 0, the register contains the
opposite logic level to the external pin. Write to this bit
to set a GPIO output.
10
GP11_LVL
0
GPIO11 level.
When GP11_FN = 0h and GP11_DIR = 0, write to this
bit to set a GPIO output.
Read from this bit to read GPIO input level.
When GP11_POL is 0, the register contains the
opposite logic level to the external pin. Write to this bit
to set a GPIO output.
9
GP10_LVL
0
GPIO10 level.
When GP10_FN = 0h and GP10_DIR = 0, write to this
bit to set a GPIO output.
Read from this bit to read GPIO input level.
When GP10_POL is 0, the register contains the
opposite logic level to the external pin. Write to this bit
to set a GPIO output.
8
GP9_LVL
0
GPIO9 level.
When GP9_FN = 0h and GP9_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP9_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.
7
GP8_LVL
0
GPIO8 level.
When GP8_FN = 0h and GP8_DIR = 0, write to this bit
to set a GPIO output.
Read from this bit to read GPIO input level.
When GP8_POL is 0, the register contains the opposite
logic level to the external pin. Write to this bit to set a
GPIO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com