Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 232 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 232 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 228Page - Cirrus Logic WM8310 Datasheet HTML 229Page - Cirrus Logic WM8310 Datasheet HTML 230Page - Cirrus Logic WM8310 Datasheet HTML 231Page - Cirrus Logic WM8310 Datasheet HTML 232Page - Cirrus Logic WM8310 Datasheet HTML 233Page - Cirrus Logic WM8310 Datasheet HTML 234Page - Cirrus Logic WM8310 Datasheet HTML 235Page - Cirrus Logic WM8310 Datasheet HTML 236Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
232
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16487
(4067h)
EPE2
Control
15:13
EPE2_ON_SL
OT [2:0]
000
EPE2 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
12:11
EPE2_HWC_S
RC [1:0]
00
EPE2 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
8
EPE2_HWCEN
A
0
EPE2 Hardware Control Enable
0 = EPE2 is controlled by EPE2_ENA (Hardware
Control input(s) are ignored)
1 = EPE2 is controlled by HWC inputs (Hardware
Control input(s) force EPE2 to be de-asserted)
7:5
EPE2_SLP_SL
OT [2:0]
000
EPE2 SLEEP Slot select
000 = No action
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = No action
111 = No action
Register 4067h EPE2 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16488
(4068h)
LDO1
Control
15:14
LDO1_ERR_A
CT [1:0]
00
LDO1 Error Action (Undervoltage)
00 = Ignore
01 = Shut down regulator
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
LDO1_HWC_S
RC [1:0]
00
LDO1 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
LDO1_HWC_V
SEL
0
LDO1 Hardware Control Voltage select
0 = Set by LDO1_ON_VSEL
1 = Set by LDO1_SLP_VSEL
9:8
LDO1_HWC_M
ODE [1:0]
10
LDO1 Hardware Control Operating Mode
00 = Low Power mode
01 = Turn converter off
10 = Low Power mode
11 = Set by LDO1_ON_MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com