Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 233 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 233 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 229Page - Cirrus Logic WM8310 Datasheet HTML 230Page - Cirrus Logic WM8310 Datasheet HTML 231Page - Cirrus Logic WM8310 Datasheet HTML 232Page - Cirrus Logic WM8310 Datasheet HTML 233Page - Cirrus Logic WM8310 Datasheet HTML 234Page - Cirrus Logic WM8310 Datasheet HTML 235Page - Cirrus Logic WM8310 Datasheet HTML 236Page - Cirrus Logic WM8310 Datasheet HTML 237Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
233
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7
LDO1_FLT
0
LDO1 Output float
0 = LDO1 output discharged when disabled
1 = LDO1 output floating when disabled
6
LDO1_SWI
0
LDO1 Switch Mode
0 = LDO mode
1 = Switch mode
0
LDO1_LP_MO
DE
0
LDO1 Low Power Mode Select
0 = 50mA (reduced quiescent current)
1 = 20mA (minimum quiescent current)
Selects which Low Power mode is used in ON, SLEEP,
or under HWC modes.
Register 4068h LDO1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16489
(4069h)
LDO1 ON
Control
15:13
LDO1_ON_SL
OT [2:0]
000
LDO1 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
8
LDO1_ON_MO
DE
0
LDO1 ON Operating Mode
0 = Normal mode
1 = Low Power mode
4:0
LDO1_ON_VS
EL [4:0]
0_0000
LDO1 ON Voltage select
0.9V to 1.6V in 50mV steps
1.7V to 3.3V in 100mV steps
00h = 0.90V
01h = 0.95V
…
0Eh = 1.60V
0Fh = 1.70V
…
1Eh = 3.20V
1Fh = 3.30V
Register 4069h LDO1 ON Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com