Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 242 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 242 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 238Page - Cirrus Logic WM8310 Datasheet HTML 239Page - Cirrus Logic WM8310 Datasheet HTML 240Page - Cirrus Logic WM8310 Datasheet HTML 241Page - Cirrus Logic WM8310 Datasheet HTML 242Page - Cirrus Logic WM8310 Datasheet HTML 243Page - Cirrus Logic WM8310 Datasheet HTML 244Page - Cirrus Logic WM8310 Datasheet HTML 245Page - Cirrus Logic WM8310 Datasheet HTML 246Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
242
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16502
(4076h)
LDO5
SLEEP
Control
15:13
LDO5_SLP_SL
OT [2:0]
000
LDO5 SLEEP Slot select
000 = SLEEP voltage / operating mode transition in
Timeslot 5
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = SLEEP voltage / operating mode transition in
Timeslot 3
111 = SLEEP voltage / operating mode transition in
Timeslot 1
If LDO5 is assigned to a Hardware Enable Input, then
codes 001-101 select in which timeslot the regulator
enters its SLEEP condition.
8
LDO5_SLP_M
ODE
1
LDO5 SLEEP Operating Mode
0 = Normal mode
1 = Low Power mode
4:0
LDO5_SLP_VS
EL [4:0]
0_0000
LDO5 SLEEP Voltage select
0.9V to 1.6V in 50mV steps
1.7V to 3.3V in 100mV steps
00h = 0.90V
01h = 0.95V
…
0Eh = 1.60V
0Fh = 1.70V
…
1Eh = 3.20V
1Fh = 3.30V
Register 4076h LDO5 SLEEP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16503
(4077h)
LDO6
Control
15:14
LDO6_ERR_A
CT [1:0]
00
LDO6 Error Action (Undervoltage)
00 = Ignore
01 = Shut down regulator
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
LDO6_HWC_S
RC [1:0]
00
LDO6 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
LDO6_HWC_V
SEL
0
LDO6 Hardware Control Voltage select
0 = Set by LDO6_ON_VSEL
1 = Set by LDO6_SLP_VSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com