Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 243 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 243 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 239Page - Cirrus Logic WM8310 Datasheet HTML 240Page - Cirrus Logic WM8310 Datasheet HTML 241Page - Cirrus Logic WM8310 Datasheet HTML 242Page - Cirrus Logic WM8310 Datasheet HTML 243Page - Cirrus Logic WM8310 Datasheet HTML 244Page - Cirrus Logic WM8310 Datasheet HTML 245Page - Cirrus Logic WM8310 Datasheet HTML 246Page - Cirrus Logic WM8310 Datasheet HTML 247Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
243
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
9:8
LDO6_HWC_M
ODE [1:0]
10
LDO6 Hardware Control Operating Mode
00 = Low Power mode
01 = Turn converter off
10 = Low Power mode
11 = Set by LDO6_ON_MODE
7
LDO6_FLT
0
LDO6 Output float
0 = LDO6 output discharged when disabled
1 = LDO6 output floating when disabled
6
LDO6_SWI
0
LDO6 Switch Mode
0 = LDO mode
1 = Switch mode
0
LDO6_LP_MO
DE
0
LDO6 Low Power Mode Select
0 = 50mA (reduced quiescent current)
1 = 20mA (minimum quiescent current)
Selects which Low Power mode is used in ON, SLEEP,
or under HWC modes.
Register 4077h LDO6 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16504
(4078h)
LDO6 ON
Control
15:13
LDO6_ON_SL
OT [2:0]
000
LDO6 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
8
LDO6_ON_MO
DE
0
LDO6 ON Operating Mode
0 = Normal mode
1 = Low Power mode
4:0
LDO6_ON_VS
EL [4:0]
0_0000
LDO6 ON Voltage select
0.9V to 1.6V in 50mV steps
1.7V to 3.3V in 100mV steps
00h = 0.90V
01h = 0.95V
…
0Eh = 1.60V
0Fh = 1.70V
…
1Eh = 3.20V
1Fh = 3.30V
Register 4078h LDO6 ON Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com