Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 252 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 252 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 248Page - Cirrus Logic WM8310 Datasheet HTML 249Page - Cirrus Logic WM8310 Datasheet HTML 250Page - Cirrus Logic WM8310 Datasheet HTML 251Page - Cirrus Logic WM8310 Datasheet HTML 252Page - Cirrus Logic WM8310 Datasheet HTML 253Page - Cirrus Logic WM8310 Datasheet HTML 254Page - Cirrus Logic WM8310 Datasheet HTML 255Page - Cirrus Logic WM8310 Datasheet HTML 256Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
252
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
12
LDO11_FRCE
NA
0
LDO11 Force Enable (forces LDO11 to be enabled at
all times in the OFF, ON and SLEEP states)
0 = Disabled
1 = Enabled
7
LDO11_VSEL_
SRC
0
LDO11 Voltage Select source
0 = Normal (LDO11 settings)
1 = Same as DC-DC Converter 1
3:0
LDO11_ON_V
SEL [3:0]
0000
LDO11 ON Voltage select
0.80V to 1.55V in 50mV steps
0h = 0.80V
1h = 0.85V
2h = 0.90V
…
Eh = 1.50V
Fh = 1.55V
Register 4087h LDO11 ON Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16520
(4088h)
LDO11
SLEEP
Control
15:13
LDO11_SLP_S
LOT [2:0]
000
LDO11 SLEEP Slot select
000 = SLEEP voltage / operating mode transition in
Timeslot 5
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = SLEEP voltage / operating mode transition in
Timeslot 3
111 = SLEEP voltage / operating mode transition in
Timeslot 1
If LDO11 is assigned to a Hardware Enable Input, then
codes 001-101 select in which timeslot the regulator
enters its SLEEP condition.
3:0
LDO11_SLP_V
SEL [3:0]
0000
LDO11 SLEEP Voltage select
0.80V to 1.55V in 50mV steps
0h = 0.80V
1h = 0.85V
2h = 0.90V
…
Eh = 1.50V
Fh = 1.55V
Register 4088h LDO11 SLEEP Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com