Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 254 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 254 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 250Page - Cirrus Logic WM8310 Datasheet HTML 251Page - Cirrus Logic WM8310 Datasheet HTML 252Page - Cirrus Logic WM8310 Datasheet HTML 253Page - Cirrus Logic WM8310 Datasheet HTML 254Page - Cirrus Logic WM8310 Datasheet HTML 255Page - Cirrus Logic WM8310 Datasheet HTML 256Page - Cirrus Logic WM8310 Datasheet HTML 257Page - Cirrus Logic WM8310 Datasheet HTML 258Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
254
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16528
(4090h)
Clock
Control 1
15
CLKOUT_ENA
0
CLKOUT output enable
0 = Disabled
1 = Enabled
Protected by security key
13
CLKOUT_OD
0
CLKOUT pin configuration
0 = CMOS
1 = Open Drain
10:8
CLKOUT_SLO
T [2:0]
000
CLKOUT output enable ON slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Do not enable
111 = Do not enable
6:4
CLKOUT_SLP
SLOT [2:0]
000
CLKOUT output SLEEP slot select
000 = Controlled by CLKOUT_ENA
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = Controlled by CLKOUT_ENA
111 = Controlled by CLKOUT_ENA
0
CLKOUT_SRC
0
CLKOUT output source select
0 = FLL output
1 = 32.768kHz oscillator
Register 4090h Clock Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16529
(4091h)
Clock
Control 2
15
XTAL_INH
0
Crystal Start-Up Inhibit
0 = Disabled
1 = Enabled
When XTAL_INH=1, the ‘ON’ transition is inhibited until
the crystal oscillator is valid
13
XTAL_ENA
0
Crystal Oscillator Enable
0 = Disabled at all times
1 = Enabled in OFF, ON and SLEEP states
(Note that the BACKUP behaviour is determined by
XTAL_BKUPENA.)
12
XTAL_BKUPE
NA
1
Selects the RTC and 32.768kHz oscillator in BACKUP
state
0 = RTC unclocked in BACKUP
1 = RTC maintained in BACKUP
(Note that XTAL_ENA must also be set if the RTC is to
be maintained in BACKUP.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com