Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 258 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 258 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 254Page - Cirrus Logic WM8310 Datasheet HTML 255Page - Cirrus Logic WM8310 Datasheet HTML 256Page - Cirrus Logic WM8310 Datasheet HTML 257Page - Cirrus Logic WM8310 Datasheet HTML 258Page - Cirrus Logic WM8310 Datasheet HTML 259Page - Cirrus Logic WM8310 Datasheet HTML 260Page - Cirrus Logic WM8310 Datasheet HTML 261Page - Cirrus Logic WM8310 Datasheet HTML 262Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
258
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30725
(7805h)
Unique ID 6
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 2
Register 7805h Unique ID 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30726
(7806h)
Unique ID 7
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 1
Register 7806h Unique ID 7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30727
(7807h)
Unique ID 8
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 0
Register 7807h Unique ID 8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30728
(7808h)
Factory OTP
ID
15:1
OTP_FACT_ID
[14:0]
000_0000_
0000_0000
[No description available]
0
OTP_FACT_FI
NAL
0
[No description available]
Register 7808h Factory OTP ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30729
(7809h)
Factory OTP
1
15:12
DC3_TRIM
[3:0]
0000
[No description available]
11:6
DC2_TRIM
[5:0]
00_0000
[No description available]
5:0
DC1_TRIM
[5:0]
00_0000
[No description available]
Register 7809h Factory OTP 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30730
(780Ah)
Factory OTP
2
15:0
CHIP_ID [15:0] 0000_0000
_0000_000
0
[No description available]
Register 780Ah Factory OTP 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com