Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 261 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 261 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 257Page - Cirrus Logic WM8310 Datasheet HTML 258Page - Cirrus Logic WM8310 Datasheet HTML 259Page - Cirrus Logic WM8310 Datasheet HTML 260Page - Cirrus Logic WM8310 Datasheet HTML 261Page - Cirrus Logic WM8310 Datasheet HTML 262Page - Cirrus Logic WM8310 Datasheet HTML 263Page - Cirrus Logic WM8310 Datasheet HTML 264Page - Cirrus Logic WM8310 Datasheet HTML 265Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
261
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6:2
DC2_ON_VSE
L [6:2]
0_0000
DC-DC2 ON Voltage select
DC2_ON_VSEL [6:0] selects the DC-DC2 output
voltage from 0.6V to 1.8V in 12.5mV steps.
DC2_ON_VSEL [6:2] controls the voltage in 50mV
steps.
DC2_ON_VSEL [6:0] is coded as follows:
00h to 08h = 0.6V
09h = 0.6125V
…
48h = 1.4V (see note)
…
67h = 1.7875V
68h to 7Fh = 1.8V
Note - Maximum output voltage selection in 4MHz
switching mode is 48h (1.4V).
1:0
DC2_CAP [1:0]
00
DC-DC2 Output Capacitor
00 = 4.7uF to 20uF
01 = Reserved
10 = 22uF to 47uF
11 = Reserved
Register 7812h DC2 OTP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30739
(7813h) DC3
OTP Control
15:13
DC3_ON_SLO
T [2:0]
000
DC-DC3 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
7
DC3_PHASE
0
DC-DC3 Clock Phase Control
0 = Normal
1 = Inverted
6:2
DC3_ON_VSE
L [6:2]
0_0000
DC-DC3 ON Voltage select
DC3_ON_VSEL [6:0] selects the DC-DC3 output
voltage from 0.85V to 3.4V in 25mV steps.
DC3_ON_VSEL [6:2] controls the voltage in 100mV
steps.
DC3_ON_VSEL [6:0] is coded as follows:
00h = 0.85V
01h = 0.875V
…
65h = 3.375V
66h to 7Fh = 3.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com