Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 274 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 274 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 270Page - Cirrus Logic WM8310 Datasheet HTML 271Page - Cirrus Logic WM8310 Datasheet HTML 272Page - Cirrus Logic WM8310 Datasheet HTML 273Page - Cirrus Logic WM8310 Datasheet HTML 274Page - Cirrus Logic WM8310 Datasheet HTML 275Page - Cirrus Logic WM8310 Datasheet HTML 276Page - Cirrus Logic WM8310 Datasheet HTML 277Page - Cirrus Logic WM8310 Datasheet HTML 278Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
274
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30750
(781Eh)
GPIO5 OTP
Control
15
GP5_DIR
1
GPIO5 pin direction
0 = Output
1 = Input
14:13
GP5_PULL
[1:0]
01
GPIO5 Pull-Up / Pull-Down configuration
00 = No pull resistor
01 = Pull-down enabled
10 = Pull-up enabled
11 = Reserved
12
GP5_INT_MOD
E
0
GPIO5 Interrupt Mode
0 = GPIO interrupt is rising edge triggered (if
GP5_POL=1) or falling edge triggered (if GP5_POL=0)
1 = GPIO interrupt is triggered on rising and falling
edges
11
GP5_PWR_DO
M
0
GPIO5 Power Domain select
0 = DBVDD
1 = SYSVDD
10
GP5_POL
1
GPIO5 Polarity select
0 = Inverted (active low)
1 = Non-Inverted (active high)
9
GP5_OD
0
GPIO5 Output pin configuration
0 = CMOS
1 = Open Drain
8
GP5_ENA
0
GPIO5 Enable control
0 = GPIO pin is tri-stated
1 = Normal operation
7:4
GP5_FN [3:0]
0000
GPIO5 Pin Function
Input functions:
0 = GPIO input (long de-bounce)
1 = GPIO input
2 = Power On/Off request
3 = Sleep/Wake request
4 = Sleep/Wake request (long de-bounce)
5 = Sleep request
6 = Power On request
7 = Watchdog Reset input
8 = DVS1 input
9 = DVS2 input
10 = HW Enable1 input
11 = HW Enable2 input
12 = HW Control1 input
13 = HW Control2 input
14 = HW Control1 input (long de-bounce)
15 = HW Control2 input (long de-bounce)
Output functions:
0 = GPIO output
1 = 32.768kHz oscillator output
2 = ON state
3 = SLEEP state
4 = Power State Change
5 = Reserved
6 = Reserved
7 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com