Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 278 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 278 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 274Page - Cirrus Logic WM8310 Datasheet HTML 275Page - Cirrus Logic WM8310 Datasheet HTML 276Page - Cirrus Logic WM8310 Datasheet HTML 277Page - Cirrus Logic WM8310 Datasheet HTML 278Page - Cirrus Logic WM8310 Datasheet HTML 279Page - Cirrus Logic WM8310 Datasheet HTML 280Page - Cirrus Logic WM8310 Datasheet HTML 281Page - Cirrus Logic WM8310 Datasheet HTML 282Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
278
For detailed schematics, bill of materials and recommended external components refer to the
WM8310 evaluation board users manual.
30.2 VOLTAGE AND CURRENT REFERENCE COMPONENTS
A decoupling capacitor is required between VREFC and REFGND; a 100nF X5R capacitor is
recommended (available in 0201 package size). If USB100MA_STARTUP=1X (see Section 17.4),
then a 50nF capacitor should be used.
A current reference resistor is required between IREFR and REFGND; a 100k
 (1%) resistor is
recommended.
30.3 DC-DC BUCK CONVERTER EXTERNAL COMPONENTS
The recommended connections to the DC-DC buck converters are illustrated in Figure 34.
Figure 34 DC-DC Synchronous Buck Converter External Components
When selecting suitable capacitors, is it imperative that the effective capacitance is within the
required limits at the applicable input/output voltage of the converter. It should be noted that some
components’ capacitance changes significantly depending on the DC voltage applied. Ceramic X7R
or X5R types are recommended.
The choice of output capacitor varies depending on the required transient response. Larger values
may be required for optimum performance under large load transient conditions. Smaller values may
be sufficient for a steady load, or in applications without stringent requirements on output voltage
accuracy during load transients.
For layout and size reasons, users may choose to implement large values of output capacitance by
connecting two or more capacitors in parallel. To ensure stable operation, the DCm_CAP register
fields must be set according to the output capacitance, as described in Section 15.6.
When selecting a suitable output inductor, the inductance value and the saturation current must be
compatible with the operating conditions of the converter.
The magnitude of the inductor current ripple is dependant on the inductor value and can be
determined by the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com