Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 280 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 280 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 276Page - Cirrus Logic WM8310 Datasheet HTML 277Page - Cirrus Logic WM8310 Datasheet HTML 278Page - Cirrus Logic WM8310 Datasheet HTML 279Page - Cirrus Logic WM8310 Datasheet HTML 280Page - Cirrus Logic WM8310 Datasheet HTML 281Page - Cirrus Logic WM8310 Datasheet HTML 282Page - Cirrus Logic WM8310 Datasheet HTML 283Page - Cirrus Logic WM8310 Datasheet HTML 284Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
280
Wolfson recommends the following external components for use with DC-DC Converter 3.
Note that the switching frequency of DC-DC3 is fixed at 2MHz and the output inductor must be 2.2
H
in all cases.
The output capacitor must be consistent with the DC3_CAP register setting. For best performance,
the 47
F component is recommended. For typical applications, the 22F is suitable. The alternative
values may be used for size or cost reasons if preferred.
COMPONENT
VALUE
PART NUMBER
SIZE
L
2.2
H
Coilcraft LPS3015-222ML
TDK VLS252012T-2R2M1R3
3 x 3 x 1.5mm
2 x 1.25 x 1.2mm
COUT
47
F
MuRata GRM21BR60G476MEA1
0805
22
F
MuRata GRM21BR60J226ME39
0805
10
F
MuRata GRM188R60J106ME84
0603
CIN
4.7
F
MuRata GRM188R60J475ME84
0603
Table 109 Recommended External Components - DC-DC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com