Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 283 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 283 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 279Page - Cirrus Logic WM8310 Datasheet HTML 280Page - Cirrus Logic WM8310 Datasheet HTML 281Page - Cirrus Logic WM8310 Datasheet HTML 282Page - Cirrus Logic WM8310 Datasheet HTML 283Page - Cirrus Logic WM8310 Datasheet HTML 284Page - Cirrus Logic WM8310 Datasheet HTML 285Page - Cirrus Logic WM8310 Datasheet HTML 286Page - Cirrus Logic WM8310 Datasheet HTML 287Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
283
30.5 LDO REGULATOR EXTERNAL COMPONENTS
The recommended connections to the LDO Regulators are illustrated in Figure 36.
Figure 36 LDO Regulators External Components
When selecting suitable capacitors, is it imperative that the effective capacitance is within the
required limits at the applicable input/output voltage of the converter. Ceramic X7R or X5R types are
recommended.
Wolfson recommends the following external components for use with LDO Regulators 1 to 6.
COMPONENT
VALUE
PART NUMBER
SIZE
COUT
2.2μF
Kemet C0402C225M9PAC
0402
CIN
1.0μF
MuRata GRM155R61A105KE15
0402
Table 111 Recommended External Components - LDO1 to LDO6
Wolfson recommends the following external components for use with LDO Regulators 7 to 10. For
these regulators, note that it is important that the output capacitance, COUT, does not exceed 4.7F.
COMPONENT
VALUE
PART NUMBER
SIZE
COUT
1.0μF
MuRata GRM155R61A105KE15
0402
CIN
1.0μF
MuRata GRM155R61A105KE15
0402
Table 112 Recommended External Components - LDO7 to LDO10
Wolfson recommends the following external components for use with LDO Regulators 11 to 13.
COMPONENT
VALUE
PART NUMBER
SIZE
COUT (LDO11)
0.1μF
MuRata GRM033R60J104KE19
0201
COUT (LDO12)
0.1μF
MuRata GRM033R60J104KE19
0201
COUT (LDO13)
2.2μF
Kemet C0402C225M9PAC
0402
Table 113 Recommended External Components - LDO11 to LDO13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com