Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 290 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 290 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 283Page - Cirrus Logic WM8310 Datasheet HTML 284Page - Cirrus Logic WM8310 Datasheet HTML 285Page - Cirrus Logic WM8310 Datasheet HTML 286Page - Cirrus Logic WM8310 Datasheet HTML 287Page - Cirrus Logic WM8310 Datasheet HTML 288Page - Cirrus Logic WM8310 Datasheet HTML 289Page - Cirrus Logic WM8310 Datasheet HTML 290Page - Cirrus Logic WM8310 Datasheet HTML 291Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 290 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
290
33 REVISION HISTORY
DATE
REV
DESCRIPTION OF CHANGES
CHANGED
BY
18/02/10
3.1
Updated definition of DCn_SOFT_START registers
RST_DUR description updated
Updated description of AUX_CVT_ENA - measurement data is not available
until the associated interrupt is set.
AUXADC input impedance corrected to 400kohm.
PH
24/06/10
3.1
Amended LDO12 current capability to 2mA.
Amended LDO13 current capability to 20mA
DC4 maximum current spec restored to 90mA.
DC4 Elec Chars updated to include 90mA for Vload ≤ 8V.
DC4_RANGE updated to support Vout >= 6.5V only.
Amended Test Conditions for LDO4, 5, 6 to be same as others.
Clarified (in Section 13) the 32.768kHz GPIO output only supported in OFF state
if the selected power domain remains on.
Clarified (in Section 21) the External Power Clock is controlled in the power
sequences via EPE1 or EPE2.
Updated wording and terminology, making consistent with other PMIC
datasheets. Review input from WM8321 incorporated as applicable.
DORW replaced with DCRW.
DBE replaced with InstantConfig™ EEPROM (ICE).
Added SDOUT1 pull-up requirement.
Typical connections drawing updated to show XOSCGND close to XTI/XTO pins
and to include DC-DC output capacitors.
PH
22/07/10
3.1
Noted maximum output capacitance for LDO7-LDO10 (4.7uF).
Updates regarding Battery Charger Interrupts preventing SLEEP transitions -
CHG_START_EINT must be cleared first.
Clarification added to CLKOUT function when XTAL_INH=1.
Correction to pin C5 - this is DC3GND.
DBVDD1, DBVDD2, DBVDD3 domains merged into DBVDD.
PVDD1, PVDD2 domains merged into PVDD.
Watchdog description updated wrt Device Reset response.
SDOUT1 description updated as an Open Drain output, with pull-up resistor
required.
“Register Map by Address” section updated.
Default value of PWRSTATE_DLY corrected.
PH
24/11/10
3.1
CE000609 errata added (OTP Command End Interrupt)
CE000610 errata added (DC3 quiescent current in LDO mode)
CE000611 errata added (Power Sequence in failure conditions)
CE000613 errata added (DC4 Hardware Control)
CE000614 errata added (FLL Register readback)
CE000649 errata added (Watchdog timeout)
PH
3/12/10
3.1
Undervoltage margin specified for DC-DC converters 1,2,3.
Overvoltage margin specified for DC-DC converters 1,2.
Chip Temperature (AUX_DATA) equation updated.
NTCBIAS voltage added to Electrical Characteristics.
PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com