Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DM505 Datasheet HTML 14Page - Texas Instruments DM505 Datasheet HTML 15Page - Texas Instruments DM505 Datasheet HTML 16Page - Texas Instruments DM505 Datasheet HTML 17Page - Texas Instruments DM505 Datasheet HTML 18Page - Texas Instruments DM505 Datasheet HTML 19Page - Texas Instruments DM505 Datasheet HTML 20Page - Texas Instruments DM505 Datasheet HTML 21Page - Texas Instruments DM505 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
18
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
B4
gpmc_ad14
gpmc_ad14
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
spi2_cs1
4
IO
1
gpio1_28
14
IO
sysboot14
mcasp2_axr4
15
I
mcasp2_axr4
16
IO
0
A4
gpmc_ad15
gpmc_ad15
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
spi2_cs0
4
IO
1
gpio1_29
14
IO
sysboot15
mcasp2_axr5
15
I
mcasp2_axr5
16
IO
0
F12
gpmc_advn_ale
gpmc_advn_ale
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
rgmii1_txd2
1
O
ehrpwm1_tripzone_input
4
IO
0
clkout1
5
O
dma_evt4
6
I
gpio1_3
14
IO
Driver off
15
I
D12
gpmc_ben0
gpmc_ben0
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
rgmii1_txctl
1
O
ehrpwm1A
4
O
dma_evt2
6
I
gpio1_1
14
IO
Driver off
15
I
E12
gpmc_ben1
gpmc_ben1
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
rgmii1_txd3
1
O
ehrpwm1B
4
O
dma_evt3
6
I
gpio1_2
14
IO
Driver off
15
I
C12
gpmc_clk
gpmc_clk
0
IO
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
rgmii1_txc
1
O
clkout0
5
O
dma_evt1
6
I
gpio1_0
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com